Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH615A-3X006 Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. SFH615A-3X006
Description  Optocoupler, Phototransistor Output, High Reliability
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH615A-3X006 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SFH615A-3X006 Datasheet HTML 2Page - Vishay Siliconix SFH615A-3X006 Datasheet HTML 3Page - Vishay Siliconix SFH615A-3X006 Datasheet HTML 4Page - Vishay Siliconix SFH615A-3X006 Datasheet HTML 5Page - Vishay Siliconix SFH615A-3X006 Datasheet HTML 6Page - Vishay Siliconix SFH615A-3X006 Datasheet HTML 7Page - Vishay Siliconix SFH615A-3X006 Datasheet HTML 8Page - Vishay Siliconix SFH615A-3X006 Datasheet HTML 9Page - Vishay Siliconix SFH615A-3X006 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SFH615A
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 31-Aug-15
6
Document Number: 83433
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 10 - Normalized CTR (non-saturated) vs. Forward Current
Fig. 11 - Normalized CTR (saturated) vs. Forward Current
Fig. 12 - Phase Angle vs. Frequency
Fig. 13 - Cut-Off Frequency vs. Collector Current
Fig. 14 - Switching Time vs. Load Resistance
0
0.2
0.6
0.4
0.8
1.0
1.4
0.1
100
I
F - Forward Current (mA)
1.2
110
V
CE = 10 V
T
amb = - 55 °C
T
amb = - 40 °C
T
amb = 0 °C
T
amb = 25 °C
T
amb = 50 °C
T
amb = 75 °C
T
amb = 100 °C
0
0.2
0.6
0.4
0.8
1.0
1.4
0.1
100
I
F - Forward Current (mA)
1.2
110
T
amb = - 55 °C
T
amb = - 40 °C
T
amb = 0 °C
T
amb = 25 °C
T
amb = 50 °C
T
amb = 75 °C
T
amb = 100 °C
V
CE = 0.4 V
-140
-120
-100
-80
0
11000
f - Frequency (kHz)
-20
10
100
V
CE = 5 V
-40
-60
1
10
1000
0.1
100
I
C - Collector Current (mA)
100
110
V
CE = 5 V
0.1
1
10
1000
0.1
100
R
L - Load Resistance (kΩ)
100
110
V
CE = 5 V, IF = 10 mA
t
on
t
off


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn