Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH615A-3X006 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. SFH615A-3X006
Description  Optocoupler, Phototransistor Output, High Reliability
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH615A-3X006 Datasheet(HTML) 5 Page - Vishay Siliconix

  SFH615A-3X006 Datasheet HTML 1Page - Vishay Siliconix SFH615A-3X006 Datasheet HTML 2Page - Vishay Siliconix SFH615A-3X006 Datasheet HTML 3Page - Vishay Siliconix SFH615A-3X006 Datasheet HTML 4Page - Vishay Siliconix SFH615A-3X006 Datasheet HTML 5Page - Vishay Siliconix SFH615A-3X006 Datasheet HTML 6Page - Vishay Siliconix SFH615A-3X006 Datasheet HTML 7Page - Vishay Siliconix SFH615A-3X006 Datasheet HTML 8Page - Vishay Siliconix SFH615A-3X006 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SFH615A
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 31-Aug-15
5
Document Number: 83433
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 4 - Forward Voltage vs. Forward Current
Fig. 5 - Collector Current vs. Collector Emitter Voltage
(non-saturated)
Fig. 6 - Collector Current vs. Collector Emitter Voltage (saturated)
Fig. 7 - Leakage Current vs. Ambient Temperature
Fig. 8 - Normalized CTR (non-saturated) vs. Ambient Temperature
Fig. 9 - Normalized CTR (saturated) vs. Ambient Temperature
0.6
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.6
0.1
1
10
100
I
F - Forward Current (mA)
T
amb = - 55 °C
1.5
0.7
T
amb = - 40 °C
T
amb = 0 °C
T
amb = 25 °C
T
amb = 50 °C
T
amb = 75 °C
T
amb = 100 °C
0
20
30
40
50
60
70
80
90
01
78
V
CE - Collector Emitter Voltage (NS) (V)
10
6
5
4
3
2
I
F = 20 mA
I
F = 15 mA
I
F = 10 mA
I
F = 30 mA
I
F = 5 mA
0
10
15
20
30
00.4
V
CE - Collector Emitter Voltage (sat) (V)
5
0.3
0.2
0.1
25
I
F = 10 mA
I
F = 25 mA
I
F = 5 mA
I
F = 2 mA
I
F = 1 mA
0.001
0.01
0.1
10
1
100
1000
10 000
T
amb - Ambient Temperature (°C)
V
CE = 40 V
-60
100
-40
80
60
40
20
0
-20
I
F = 0 mA
V
CE = 12 V
V
CE = 24 V
0
0.2
0.6
0.4
0.8
1.0
1.4
T
amb - Ambient Temperature (°C)
1.2
I
F = 10 mA
V
CE = 5 V
-60
100
-40
80
60
40
20
0
-20
0
0.2
0.6
0.4
0.8
1.0
1.4
T
amb - Ambient Temperature (°C)
1.2
I
F = 10 mA
V
CE = 0.4 V
-60
100
-40
80
60
40
20
0
-20


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn