Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH617A-2X006 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SFH617A-2X006
Description  Optocoupler, Phototransistor Output, High Reliability
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH617A-2X006 Datasheet(HTML) 3 Page - Vishay Siliconix

  SFH617A-2X006 Datasheet HTML 1Page - Vishay Siliconix SFH617A-2X006 Datasheet HTML 2Page - Vishay Siliconix SFH617A-2X006 Datasheet HTML 3Page - Vishay Siliconix SFH617A-2X006 Datasheet HTML 4Page - Vishay Siliconix SFH617A-2X006 Datasheet HTML 5Page - Vishay Siliconix SFH617A-2X006 Datasheet HTML 6Page - Vishay Siliconix SFH617A-2X006 Datasheet HTML 7Page - Vishay Siliconix SFH617A-2X006 Datasheet HTML 8Page - Vishay Siliconix SFH617A-2X006 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SFH617A
www.vishay.com
Vishay Semiconductors
Rev. 2.4, 31-Aug-15
3
Document Number: 83740
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CURRENT TRANSFER RATIO (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
IF = 10 mA, VCE = 5 V
SFH617A-1
CTR
40
80
%
SFH617A-2
CTR
63
125
%
SFH617A-3
CTR
100
200
%
SFH617A-4
CTR
160
320
%
IF = 1 mA, VCE = 5 V
SFH617A-1
CTR
13
30
%
SFH617A-2
CTR
22
45
%
SFH617A-3
CTR
34
70
%
SFH617A-4
CTR
56
90
%
SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
NON-SATURATED
Turn-on time
IF = 10 mA, VCC = 5 V, RL = 75
Ω
ton
3μs
Rise time
IF = 10 mA, VCC = 5 V, RL = 75
Ω
tr
2μs
Turn-off time
IF = 10 mA, VCC = 5 V, RL = 75
Ω
toff
2.3
μs
Fall time
IF = 10 mA, VCC = 5 V, RL = 75
Ω
tf
2μs
Cut-off frequency
IF = 10 mA, VCC = 5 V
fCO
100
kHz
SATURATED
Turn-on time
IF = 20 mA
SFH617A-1
ton
3μs
IF = 10 mA
SFH617A-2
ton
4.2
μs
SFH617A-3
ton
4.2
μs
IF = 5 mA
SFH617A-4
ton
6μs
Rise time
IF = 20 mA
SFH617A-1
tr
2μs
IF = 10 mA
SFH617A-2
tr
3μs
SFH617A-3
tr
3μs
IF = 5 mA
SFH617A-4
tr
4.6
μs
Turn-off time
IF = 20 mA
SFH617A-1
toff
18
μs
IF = 10 mA
SFH617A-2
toff
23
μs
SFH617A-3
toff
23
μs
IF = 5 mA
SFH617A-4
toff
25
μs
Fall time
IF = 20 mA
SFH617A-1
tf
11
μs
IF = 10 mA
SFH617A-2
tf
14
μs
SFH617A-3
tf
14
μs
IF = 5 mA
SFH617A-4
tf
15
μs


Similar Part No. - SFH617A-2X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH617A-2X006 VISHAY-SFH617A-2X006 Datasheet
498Kb / 8P
   Optocoupler, High Reliability, 5300 VRMS
Rev. 1.4, 26-Oct-04
SFH617A-2X006 VISHAY-SFH617A-2X006 Datasheet
133Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 째C Rated
Rev. 1.7, 25-Jan-07
SFH617A-2X006 VISHAY-SFH617A-2X006 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rateds
01-Jan-2022
More results

Similar Description - SFH617A-2X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH610A VISHAY-SFH610A_18 Datasheet
192Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.5, 28-Mar-18
VO617A VISHAY-VO617A_15 Datasheet
207Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability
Rev. 2.5, 27-Aug-15
VO618A VISHAY-VO618A Datasheet
176Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.4, 18-Apr-13
SFH615A-2 VISHAY-SFH615A-2 Datasheet
131Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.6, 26-Jun-13
SFH615A-3 VISHAY-SFH615A-3 Datasheet
155Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.2, 12-Oct-12
SFH6156 VISHAY-SFH6156_17 Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.8, 21-Apr-17
VO617A VISHAY-VO617A_V02 Datasheet
218Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6106-4T VISHAY-SFH6106-4T Datasheet
163Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.0, 10-Dec-08
SFH610A VISHAY-SFH610A_16 Datasheet
163Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 27-Jun-16
SFH615A VISHAY-SFH615A_08 Datasheet
139Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.0, 06-Sep-06
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com