Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH615A-3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. SFH615A-3
Description  Optocoupler, Phototransistor Output, High Reliability
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH615A-3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SFH615A-3 Datasheet HTML 1Page - Vishay Siliconix SFH615A-3 Datasheet HTML 2Page - Vishay Siliconix SFH615A-3 Datasheet HTML 3Page - Vishay Siliconix SFH615A-3 Datasheet HTML 4Page - Vishay Siliconix SFH615A-3 Datasheet HTML 5Page - Vishay Siliconix SFH615A-3 Datasheet HTML 6Page - Vishay Siliconix SFH615A-3 Datasheet HTML 7Page - Vishay Siliconix SFH615A-3 Datasheet HTML 8Page - Vishay Siliconix SFH615A-3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SFH615A
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 31-Aug-15
3
Document Number: 83433
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CURRENT TRANSFER RATIO (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
IF = 10 mA, VCE = 5 V
SFH615A-1
CTR
40
80
%
SFH615A-2
CTR
63
125
%
SFH615A-3
CTR
100
200
%
SFH615A-4
CTR
160
320
%
IF = 1 mA, VCE = 5 V
SFH615A-1
CTR
13
30
%
SFH615A-2
CTR
22
45
%
SFH615A-3
CTR
34
70
%
SFH615A-4
CTR
56
90
%
SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
NON-SATURATED
Turn-on time
IF = 10 mA, VCC = 5 V, RL = 75
Ω
ton
3μs
Rise time
IF = 10 mA, VCC = 5 V, RL = 75
Ω
tr
2μs
Turn-off time
IF = 10 mA, VCC = 5 V, RL = 75
Ω
toff
2.3
μs
Fall time
IF = 10 mA, VCC = 5 V, RL = 75
Ω
tf
2μs
Cut-off frequency
IF = 10 mA, VCC = 5 V, RL = 75
Ω
fCO
208
kHz
SATURATED
Turn-on time
IF = 20 mA
SFH615A-1
ton
3μs
IF = 10 mA
SFH615A-2
ton
4.2
μs
SFH615A-3
ton
4.2
μs
IF = 5 mA
SFH615A-4
ton
6μs
Rise time
IF = 20 mA
SFH615A-1
tr
2μs
IF = 10 mA
SFH615A-2
tr
3μs
SFH615A-3
tr
3μs
IF = 5 mA
SFH615A-4
tr
4μs
Turn-off time
IF = 20 mA
SFH615A-1
toff
18
μs
IF = 10 mA
SFH615A-2
toff
23
μs
SFH615A-3
toff
23
μs
IF = 5 mA
SFH615A-4
toff
25
μs
Fall time
IF = 20 mA
SFH615A-1
tf
11
μs
IF = 10 mA
SFH615A-2
tf
14
μs
SFH615A-3
tf
14
μs
IF = 5 mA
SFH615A-4
tf
15
μs


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn