Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH610A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SFH610A
Description  Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH610A Datasheet(HTML) 1 Page - Vishay Siliconix

  SFH610A_16 Datasheet HTML 1Page - Vishay Siliconix SFH610A_16 Datasheet HTML 2Page - Vishay Siliconix SFH610A_16 Datasheet HTML 3Page - Vishay Siliconix SFH610A_16 Datasheet HTML 4Page - Vishay Siliconix SFH610A_16 Datasheet HTML 5Page - Vishay Siliconix SFH610A_16 Datasheet HTML 6Page - Vishay Siliconix SFH610A_16 Datasheet HTML 7Page - Vishay Siliconix SFH610A_16 Datasheet HTML 8Page - Vishay Siliconix SFH610A_16 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SFH610A, SFH6106
www.vishay.com
Vishay Semiconductors
Rev. 2.4, 27-Jun-16
1
Document Number: 83666
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
DESCRIPTION
The SFH610A and SFH6106 feature a high current transfer
ratio, low coupling capacitance and high isolation voltage.
These couplers have a GaAs infrared diode emitter, which
is optically coupled to a silicon planar phototransistor
detector, and is incorporated in a plastic DIP-4 or SMD
package.
The coupling devices are designed for signal transmission
between two electrically separated circuits.
The couplers are end-stackable with 2.54 mm spacing.
Creepage and clearance distances of > 8.0 mm are
achieved with option 6 and option 8. This version complies
with IEC 60950 (DIN VDE 0805) for reinforced insulation up
to an operation voltage of 400 VRMS or DC. Specifications
subject to change.
FEATURES
• Good CTR linearity depending on forward
current
• Isolation test voltage, 5300 VRMS
• High collector emitter voltage, VCEO = 70 V
• Low saturation voltage
• Fast switching times
• Low CTR degradation
• Temperature stable
• Low coupling capacitance
• End stackable, 0.100" (2.54 mm) spacing
• High common mode interference immunity
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
AGENCY APPROVALS
• UL1577, file no. E52744 system code H or J, double
protection
• DIN EN 60747-5-5 (VDE 0884) available with option 1
• CSA 93751
• BSI IEC 60950; IEC 60065
Note
• For additional information on the available options refer to option information.
E
C
A
C
1
2
4
3
ORDERING INFORMATION
S
F
H
6
10x
-
#
X
0
##
T
PART NUMBER
CTR
BIN
PACKAGE OPTION
TAPE
AND
REEL
AGENCY CERTIFIED/PACKAGE
CTR (%)
UL, BSI, CSA
40 to 80
63 to 125
100 to 200
160 to 320
250 to 500
DIP-4
SFH610A-1
SFH610A-2
SFH610A-3
SFH610A-4
SFH610A-5
DIP-4, 400 mil
SFH610A-1X006
SFH610A-2X006
SFH610A-3X006
SFH610A-4X006
-
SMD-4
SFH6106-1
SFH6106-2
SFH6106-3
SFH6106-4
SFH6106-5T
SMD-4, option 7
-
-
SFH610A-3X007
-
-
VDE, UL, BSI, CSA (option 1)
40 to 80
63 to 125
100 to 200
160 to 320
250 to 500
SMD-4, 400 mil, option 8
SFH610A-1X018T
-
-
-
-
10.16 mm
> 0.7 mm
7.62 mm
DIP-6
Option 7
9.27 mm
Option 8
Option 6


Similar Part No. - SFH610A_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SFH610A-1 INFINEON-SFH610A-1 Datasheet
84Kb / 1P
   Optocouplers
May 31, 2000-10
logo
Vishay Siliconix
SFH610A-1 VISHAY-SFH610A-1 Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH610A-1 VISHAY-SFH610A-1 Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH610A-1 VISHAY-SFH610A-1 Datasheet
163Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.0, 10-Dec-08
SFH610A-1 VISHAY-SFH610A-1 Datasheet
192Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.5, 28-Mar-18
More results

Similar Description - SFH610A_16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
SFH615AA VISHAY-SFH615AA_08 Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.6, 10-Jan-08
SFH6156-3T VISHAY-SFH6156-3T Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 14-Jan-13
SFH615A VISHAY-SFH615A_15 Datasheet
197Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.4, 31-Aug-15
SFH6156 VISHAY-SFH6156_V02 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6106-4T VISHAY-SFH6106-4T Datasheet
163Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.0, 10-Dec-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com