Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STK14C88-3 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. STK14C88-3
Description  32K x 8 AutoStore™ nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK14C88-3 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  STK14C88-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK14C88-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK14C88-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK14C88-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK14C88-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK14C88-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14C88-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14C88-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14C88-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STK14C88-3
November 2003
5
Document Control # ML0015 rev 0.3
HARDWARE MODE SELECTION
Note m: HSB STORE operation occurs only if an SRAM WRITE has been done since the last nonvolatile cycle. After the STORE (if any) completes,
the part will go into standby mode, inhibiting all operations until HSB rises.
HARDWARE STORE CYCLE
(VCC = 3.0V-3.6V)e
Note n: E and G low and W high for output behavior.
Note o: tRECOVER is only applicable after tSTORE is complete.
HARDWARE STORE CYCLE
E
W
HSB
A13 - A0 (hex)
MODE
I/O
POWER
NOTES
H
X
H
X
Not Selected
Output High Z
Standby
L
H
H
X
Read SRAM
Output Data
Active
t
L
L
H
X
Write SRAM
Input Data
Active
X
X
L
X
Nonvolatile
STORE
Output High Z
lCC
2
m
NO.
SYMBOLS
PARAMETER
STK14C88-3
UNITS NOTES
Standard
Alternate
MIN
MAX
22
tSTORE
tHLHZ
STORE Cycle Duration
10
ms
i, n
23
tDELAY
tHLQZ
Time Allowed to Complete SRAM Cycle
1
µsi, n
24
tRECOVER
tHHQX
Hardware STORE High to Inhibit Off
700
ns
n, o
25
tHLHX
Hardware STORE Pulse Width
15
ns
26
tHLBL
Hardware STORE Low to STORE Busy
300
ns
DATA VALID
HSB (IN)
DATA VALID
25
tHLHX
23
tDELAY
22
tSTORE
24
tRECOVER
HIGH IMPEDANCE
26
tHLBL
HIGH IMPEDANCE
DQ (DATA OUT)
HSB (OUT)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
STK14C88 32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK16C88 32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK16C88-3 32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK14D88 32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK12C68 8K x 8 AutoStore™ nvSRAM QuantumTrap™ CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK11C88 32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK22C48 2K x 8 AutoStore™ nvSRAM QuantumTrap™ CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK10C68 8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK18TA8 nvTime Event Data Recorder Serial Peripheral Interface nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn