Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STK14C88-3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. STK14C88-3
Description  32K x 8 AutoStore™ nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK14C88-3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  STK14C88-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK14C88-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK14C88-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK14C88-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK14C88-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK14C88-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14C88-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14C88-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14C88-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
STK14C88-3
November 2003
2
Document Control # ML0015 rev 0.3
ABSOLUTE MAXIMUM RATINGSa
Voltage on Input Relative to Ground . . . . . . . . . . . . . –0.5V to 4.5V
Voltage on Input Relative to VSS . . . . . . . . . .–0.6V to (VCC + 0.5V)
Voltage on DQ0-7 or HSB . . . . . . . . . . . . . . . .–0.5V to (VCC + 0.5V)
Temperature under Bias. . . . . . . . . . . . . . . . . . . . . .–55
°C to 125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .–65
°C to 150°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W
DC Output Current (1 output at a time, 1s duration) . . . . . . . 15mA
Note a: Stresses greater than those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. This is a
stress rating only, and functional operation of the device at con-
ditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rat-
ing conditions for extended periods may affect reliability.
DC CHARACTERISTICS
(VCC = 3.0V-3.6V)e
Note b: ICC
1
and ICC
3
are dependent on output loading and cycle rate. The specified values are obtained with outputs unloaded.
Note c: ICC
2
and ICC
4
are the average currents required for the duration of the respective STORE cycles (tSTORE ).
Note d: E
≥ VIH will not produce standby current levels until any nonvolatile cycle in progress has timed out.
Note e: VCC reference levels throughout this datasheet refer to VCCX.
SYMBOL
PARAMETER
COMMERCIAL
INDUSTRIAL
UNITS
NOTES
MIN
MAX
MIN
MAX
ICC
1
b
Average VCC Current
50
42
37
52
44
39
mA
mA
mA
tAVAV = 35ns
tAVAV = 45ns
tAVAV = 55ns
ICC
2
c
Average VCC Current during STORE
3
3
mA
All Inputs Don’t Care, VCC = max
ICC
3
b
Average VCC Current at tAVAV = 200ns
5V, 25°C, Typical
99
mA
W
≥ (V CC– 0.2V)
All Others Cycling, CMOS Levels
ICC
4
c
Average VCAP Current during
AutoStore™ Cycle
22
mA
All Inputs Don’t Care
ISB
1
d
Average VCC Current
(Standby, Cycling TTL Input Levels)
18
16
15
19
17
16
mA
mA
mA
tAVAV = 35ns, E ≥ VIH
tAVAV = 45ns, E ≥ VIH
tAVAV = 55ns, E ≥ VIH
ISB
2
d
VCC Standby Current
(Standby, Stable CMOS Input Levels)
11
mA
E
≥ (V CC– 0.2V)
All Others VIN ≤ 0.2V or ≥ (VCC – 0.2V)
IILK
Input Leakage Current
±1
±1
µA
VCC = max
VIN = VSS to VCC
IOLK
Off-State Output Leakage Current
±1
±1
µA
VCC = max
VIN = VSS to VCC, E or G ≥ VIH
VIH
Input Logic “1” Voltage
2.2
VCC + .5
2.2
VCC + .5
V
All Inputs
VIL
Input Logic “0” Voltage
VSS – .5
0.8
VSS – .5
0.8
V
All Inputs
VOH
Output Logic “1” Voltage
2.4
2.4
V
IOUT =– 4mA except HSB
VOL
Output Logic “0” Voltage
0.4
0.4
V
IOUT = 8mA except HSB
VBL
Logic “0” Voltage on HSB Output
0.4
0.4
V
IOUT = 3mA
TA
Operating Temperature
0
70
–40
85
°C
AC TEST CONDITIONS
CAPACITANCEf
(TA = 25°C, f = 1.0MHz)
Note f:
These parameters are guaranteed but not tested.
Input Pulse Levels . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0V to 3V
Input Rise and Fall Times
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ≤ 5ns
Input and Output Timing Reference Levels . . . . . . . . . . . . . . . 1.5V
Output Load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Figure 1
SYMBOL
PARAMETER
MAX
UNITS
CONDITIONS
CIN
Input Capacitance
5
pF
∆V = 0 to 3V
COUT
Output Capacitance
7
pF
∆V = 0 to 3V
Figure 1
: AC Output Loading
317 Ohms
30 pF
351 Ohms
3.3V
INCLUDING
SCOPE AND
OUTPUT
FIXTURE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
STK14C88 32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK16C88 32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK16C88-3 32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK14D88 32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK12C68 8K x 8 AutoStore™ nvSRAM QuantumTrap™ CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK11C88 32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK22C48 2K x 8 AutoStore™ nvSRAM QuantumTrap™ CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK10C68 8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK18TA8 nvTime Event Data Recorder Serial Peripheral Interface nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn