Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS225E Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TFS225E
Description  VI TELEFILTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TFS225E Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TFS225E Datasheet HTML 1Page - List of Unclassifed Manufacturers TFS225E Datasheet HTML 2Page - List of Unclassifed Manufacturers TFS225E Datasheet HTML 3Page - List of Unclassifed Manufacturers TFS225E Datasheet HTML 4Page - List of Unclassifed Manufacturers TFS225E Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Filename: tfs225e.doc
version 1.2
25.04.2003
VI TELEFILTER
Filter specification
TFS 225E
3/5
TELEFILTER GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Stability characteristics
After the following tests the filter shall meet the whole specification:
1. Shock:
500g, 18 ms, half sine wave, 3 shocks each plane;
DIN IEC 68 T2 - 27
2. Vibration:
10 Hz to 500 Hz, 0,35 mm or 5g respectively, 1 octave per min, 10 cycles per plan, 3 plans;
DIN IEC 68 T2 - 6
3. Change of
temperature:
-55 °C to 125°C / 30 min. each / 10 cycles
DIN IEC 68 part 2 – 14 Test N
4. Resistance to
solder heat (reflow):
reflow possible: twice max.;
for temperature conditions refer to the attached "Air reflow temperature conditions" on page 4;
Packing
Tape & Reel:
IEC 286 - 3, with exception of value for N and minimum bending radius;
tape type II, embossed carrier tape with top cover tape on the upper side;
max. pieces of filters per reel:
3000
reel of empty components at start:
min 300 mm
reel of empty components at start including leader:
min 500 mm
trailer
min 300 mm
D o
Po
E
F
W
P1
EMBOSSED CARRIER TAPE
COVER TAPE
G
P 2
Bo
A o
D 1
Tape (all dimensions in mm)
W
:
16
± 0,3
Po
:
4
± 0,1
Do
:
1,5
+ 0,1
E
:
1,75 ± 0,1
F
:
7,5 ± 0,1
G (min) :
0,60
P2
:
2
± 0,1
P1
:
8
± 0,1
D1(m in) :
1,5
Ao
:
5,30
± 0,1
Bo
:
9,70
± 0,1
CT
CT
:
13,5
± 0,1
A
C
N
W 1
W 2
Reel (all dimensions in mm):
A
:
330
W 1
:
16,40 +2,0
W 2 (max) :
22,4
N (min)
:
50
C
:
13,0
+ 0,5/-0.2
The minimum bending radius is 45 mm. The mounting surface of the filters faces the bottom side of the embossed carrier tape.
Markings on the filters can be read if the upper side of the carrier tape is regarded with the sprocket holes on its right.


Similar Part No. - TFS225E

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS225E VECTRON-TFS225E Datasheet
128Kb / 5P
   Filter specification
More results

Similar Description - TFS225E

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS70AU VECTRON-TFS70AU Datasheet
167Kb / 5P
   VI TELEFILTER
TFS1747 VECTRON-TFS1747_07 Datasheet
181Kb / 5P
   VI TELEFILTER
logo
List of Unclassifed Man...
TFS282A ETC-TFS282A Datasheet
42Kb / 5P
   VI TELEFILTER
logo
Vectron International, ...
TFS70AT VECTRON-TFS70AT Datasheet
162Kb / 5P
   VI TELEFILTER
TFS537 VECTRON-TFS537 Datasheet
241Kb / 5P
   VI TELEFILTER
TFS626 VECTRON-TFS626 Datasheet
226Kb / 5P
   VI TELEFILTER
TFS107 VECTRON-TFS107 Datasheet
206Kb / 5P
   VI TELEFILTER
TFS456H VECTRON-TFS456H Datasheet
184Kb / 5P
   VI TELEFILTER
TFS915B VECTRON-TFS915B Datasheet
219Kb / 5P
   VI TELEFILTER
TFS1220B VECTRON-TFS1220B Datasheet
96Kb / 6P
   VI TELEFILTER
TFS82C VECTRON-TFS82C Datasheet
162Kb / 5P
   VI TELEFILTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com