Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DKMW20F-12 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # DKMW20F-12
Description  200W DC-DC Regulated Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

DKMW20F-12 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  DKMW20F-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. DKMW20F-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. DKMW20F-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. DKMW20F-12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL SELECTION TABLE
ORDER NO.
INPUT
OUTPUT
INPUT CURRENT
OUTPUT
VOLTAGE
CAPACITOR LOAD
(MAX.)
OUTPUT
CURRENT
NO LOAD
FULL LOAD
INPUT VOLTAGE
(RANGE)
SKMW20F-03
SKMW20G-03
SKMW20F-05
SKMW20G-05
SKMW20F-12
SKMW20G-12
SKMW20F-15
SKMW20G-15
DKMW20F-12
DKMW20G-12
DKMW20F-15
DKMW20G-15
24V
(9 ~ 36V)
48V
(18 ~ 75V)
3.3V
3.3V
5V
5V
12V
12V
15V
15V
12V
±
12V
±
15V
±
15V
±
781mA
468mA
926mA
390mA
936mA
463mA
936mA
463mA
936mA
468mA
936mA
473mA
10mA
10mA
10mA
10mA
10mA
10mA
8mA
8mA
8mA
8mA
8mA
8mA
0~4500mA
0~4500mA
0~4000mA
0~4000mA
0~1670mA
0~1670mA
0~1330mA
0~1330mA
0 ~ 830mA
±
0 ~ 830mA
±
0 ~660mA
±
0 ~660mA
±
87%
88%
89%
87%
88%
87%
88%
89%
87%
88%
87%
87%
5000 F
μ
5000 F
μ
4000 F
μ
4000 F
μ
1650 F
μ
1650 F
μ
1300 F
μ
1300 F
μ
*800 F
μ
*800 F
μ
*650 F
μ
*650 F
μ
File Name:SKMW20,DKMW20-SPEC 2017-03-06
EFFICIENCY
(TYP.)
20W 1"x1" Package DC-DC Regulated Converter
SKMW20 & DKMW20 series
* For each output


Similar Part No. - DKMW20F-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DKMW30 MEANWELL-DKMW30 Datasheet
109Kb / 4P
   30W 1x1 Package DC-DC Regulated Converter
DKMW30F-12 MEANWELL-DKMW30F-12 Datasheet
109Kb / 4P
   30W 1x1 Package DC-DC Regulated Converter
DKMW30F-15 MEANWELL-DKMW30F-15 Datasheet
109Kb / 4P
   30W 1x1 Package DC-DC Regulated Converter
DKMW30G-12 MEANWELL-DKMW30G-12 Datasheet
109Kb / 4P
   30W 1x1 Package DC-DC Regulated Converter
DKMW30G-15 MEANWELL-DKMW30G-15 Datasheet
109Kb / 4P
   30W 1x1 Package DC-DC Regulated Converter
More results

Similar Description - DKMW20F-12

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
QS10.241-60 PULS-QS10.241-60 Datasheet
765Kb / 27P
   24V, 200W, DC/DC CONVERTER
CP10.241-60 PULS-CP10.241-60 Datasheet
787Kb / 27P
   24V, 200W, DC/DC CONVERTER
logo
MORNSUN Science& Techno...
URF4805QB-200WFR3 MORNSUN-URF4805QB-200WFR3 Datasheet
2Mb / 8P
   200W, wide input voltage, isolated and regulated single output DC-DC converter
logo
GAPTEC Electronic GmbH ...
200QBW4 GAPTEC-200QBW4 Datasheet
3Mb / 6P
   200W Quarter-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
Mean Well Enterprises C...
SD-200_1109 MEANWELL-SD-200_1109 Datasheet
467Kb / 3P
   200W Single Output DC-DC Converter
SD-200 MEANWELL-SD-200_10 Datasheet
467Kb / 3P
   200W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-200 ASTRODYNE-SD-200 Datasheet
320Kb / 3P
   200W Single Output DC-DC Converter
SD200 ASTRODYNE-SD200 Datasheet
778Kb / 3P
   200W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-200 MEANWELL-SD-200 Datasheet
522Kb / 3P
   200W Single Output DC-DC Converter
logo
Vicor Corporation
DCM24AP150X320A50 VICOR-DCM24AP150X320A50 Datasheet
2Mb / 25P
   Regulated DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com