Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCWN03A-12 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # SCWN03A-12
Description  3W DIP Package DC-DC Regulated Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SCWN03A-12 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  SCWN03A-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SCWN03A-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SCWN03A-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SCWN03A-12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
File Name:SCWN03,DCWN03-SPEC 2017-03-06
All dimensions in mm(inch)
Tolerance:x.x
0.5mm(
0.02")
±±
x.xx
x.xxx
x.xx
0.25mm(
0.010")
±±
Pin size is:0.5
0.05mm (0.02
0.002")
±"±
Plug Assignment
Pin-Out
Pin No.
2,3
9
11
14
16
22,23
-Vin
-Vin
Common
N.C.
-Vout
N.C.
+Vout
+Vout
Common
-Vout
+Vin
+Vin
SCWN03
(Single output)
DCWN03
(Dual output)
Installation Manual
Please refer to : http://www.meanwell.com/manual.html
Derating Curve
Ta (
)
-40
-20
0
Natural convection
20
40
60
80
100
40
20
60
85
90
100
3W DIP Package DC-DC Regulated Converter
SCWN03 & DCWN03 series
Mechanical Specification
16
9
23
2
22
14
3
11
Bottom View
Side View
15.24(0.6)
3.8(0.15)
10.2(0.4)
20.3(0.8)
1(0.04")


Similar Part No. - SCWN03A-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SCWN06 MEANWELL-SCWN06 Datasheet
106Kb / 4P
   6W DIP Package DC-DC Regulated Converter
SCWN06A-03 MEANWELL-SCWN06A-03 Datasheet
106Kb / 4P
   6W DIP Package DC-DC Regulated Converter
SCWN06A-05 MEANWELL-SCWN06A-05 Datasheet
106Kb / 4P
   6W DIP Package DC-DC Regulated Converter
SCWN06A-12 MEANWELL-SCWN06A-12 Datasheet
106Kb / 4P
   6W DIP Package DC-DC Regulated Converter
SCWN06A-15 MEANWELL-SCWN06A-15 Datasheet
106Kb / 4P
   6W DIP Package DC-DC Regulated Converter
More results

Similar Description - SCWN03A-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SLC03 MEANWELL-SLC03 Datasheet
103Kb / 4P
   3W DIP Package DC-DC Regulated Converter
MDS03 MEANWELL-MDS03 Datasheet
95Kb / 5P
   3W DIP Package DC-DC Medical Grade Regulated Converter
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100_15 Datasheet
511Kb / 5P
   DC/DC CONVERTER 3W, DIP-Package
logo
Delta Electronics, Inc.
DE03S DELTA-DE03S Datasheet
211Kb / 4P
   3W DC/DC CONVERTER, DIP-Package
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03_15 Datasheet
558Kb / 4P
   DC/DC CONVERTER 3W, DIP Package
MIAR03 MINMAX-MIAR03_15 Datasheet
610Kb / 4P
   DC/DC CONVERTER 3W, DIP-Package
logo
Delta Electronics, Inc.
DE03S0503A DELTA-DE03S0503A Datasheet
214Kb / 5P
   3W DC/DC CONVERTER, DIP-Package
logo
Mean Well Enterprises C...
SPBW03 MEANWELL-SPBW03 Datasheet
116Kb / 4P
   3W SIP Package DC-DC Regulated Converter
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03 Datasheet
330Kb / 4P
   DC/DC CONVERTER 3W, DIP-Package Ultra compact DIP-Package
logo
Mean Well Enterprises C...
SCW20 MEANWELL-SCW20 Datasheet
111Kb / 5P
   20W DIP Package DC-DC Regulated Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com