Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKMW20F-12 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SKMW20F-12
Description  200W DC-DC Regulated Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SKMW20F-12 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SKMW20F-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SKMW20F-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SKMW20F-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SKMW20F-12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
■ Model Encoding
DIP 1"x1" package with industry standard pinout
4:1 ultrawide input range
Operating temperature range -40 ~ +85℃
No minimum load required
Comply to EN55032 radiated Class A without additional
components
High efficiency up to 89%
Protections: Short circuit (Continuous) / Overload /
Over voltage / Input under voltage
1.5KVDC I/O isolation
Remote ON/OFF control and Triming output ( 10%)
±
3 years warranty
■ Features
■ Applications
■ Description
SKMW20KMW20
20
regulated
D 1 x1
and D
series are
W isolated and
module type DC-DC converter with IP " "
package. It features international standard pins, a high efficiency up to
%,
working temperature
89
wide
range -40~+
, . KVDC I/P-O/P isolation voltage,
85
1 5
compliance to EN55032 radiated Class A without
additional components
overload over temperature input under
, continuous-mode short circuit,
,
,
voltage
remote ON OFF and trimmable output voltage
protection,
/
etc. The models account for different
input voltage
and various output voltage, .
/5V/12V/
9~36V and 18~75V 4:1 ultrawide input range,
33V
15V
single output and ±12V/±15V
dual outputs, which are suitable for all kinds of systems, uch
s
for
for
as industrial control, telecommunication field, distributed power architecture, and so on.
File Name:SKMW20,DKMW20-SPEC 2017-03-06
Telecom datacom system
/
Wireless network
Industrial control facility
Instrument
Analyzer
Detector
Data switch
20W 1"x1" Package DC-DC Regulated Converter
SKMW20 & DKMW20 series
Output voltage (3 3 5
.// /
± /±
12 15Vdc
12 15Vdc)
Rated wattage
Input voltage (F: 9~36Vdc G: 18~75Vdc)
Series name
- 12
S KMW20 F
S:Single output
D:Dual output
{


Similar Part No. - SKMW20F-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SKMW30 MEANWELL-SKMW30 Datasheet
109Kb / 4P
   30W 1x1 Package DC-DC Regulated Converter
SKMW30F-03 MEANWELL-SKMW30F-03 Datasheet
109Kb / 4P
   30W 1x1 Package DC-DC Regulated Converter
SKMW30F-05 MEANWELL-SKMW30F-05 Datasheet
109Kb / 4P
   30W 1x1 Package DC-DC Regulated Converter
SKMW30F-12 MEANWELL-SKMW30F-12 Datasheet
109Kb / 4P
   30W 1x1 Package DC-DC Regulated Converter
SKMW30F-15 MEANWELL-SKMW30F-15 Datasheet
109Kb / 4P
   30W 1x1 Package DC-DC Regulated Converter
More results

Similar Description - SKMW20F-12

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
QS10.241-60 PULS-QS10.241-60 Datasheet
765Kb / 27P
   24V, 200W, DC/DC CONVERTER
CP10.241-60 PULS-CP10.241-60 Datasheet
787Kb / 27P
   24V, 200W, DC/DC CONVERTER
logo
MORNSUN Science& Techno...
URF4805QB-200WFR3 MORNSUN-URF4805QB-200WFR3 Datasheet
2Mb / 8P
   200W, wide input voltage, isolated and regulated single output DC-DC converter
logo
GAPTEC Electronic GmbH ...
200QBW4 GAPTEC-200QBW4 Datasheet
3Mb / 6P
   200W Quarter-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
Mean Well Enterprises C...
SD-200_1109 MEANWELL-SD-200_1109 Datasheet
467Kb / 3P
   200W Single Output DC-DC Converter
SD-200 MEANWELL-SD-200_10 Datasheet
467Kb / 3P
   200W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-200 ASTRODYNE-SD-200 Datasheet
320Kb / 3P
   200W Single Output DC-DC Converter
SD200 ASTRODYNE-SD200 Datasheet
778Kb / 3P
   200W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-200 MEANWELL-SD-200 Datasheet
522Kb / 3P
   200W Single Output DC-DC Converter
logo
Vicor Corporation
DCM24AP150X320A50 VICOR-DCM24AP150X320A50 Datasheet
2Mb / 25P
   Regulated DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com