Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYE-1000XZX-XX Datasheet(PDF) 5 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYE-1000XZX-XX
Description  Standard brightness
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYE-1000XZX-XX Datasheet(HTML) 5 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYE-1000XZX-XX Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYE-1000XZX-XX Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYE-1000XZX-XX Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYE-1000XZX-XX Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYE-1000XZX-XX Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NINGBO FORYARD OPTO
ELECTRONICS CO.,LTD.
LED DIGIT DISPLAY
PartNO.: FYE-1000XZX-XX
ADD: NO.115 QiXin
Road
NingBo
Zhejiang
China
ZIP.: 315051
TEL: 0086-574-87927870
87933652
FAX:0086-574-87927917
Http://www.foryard.com
E-mail:sales@foryard.com
PAR
T N
UMB
ER
RAN
K
Q'T
Y
TOT
AL
C/
NO
.
5
PRODUCT: LED
TYPE:
Q'TY:
PCS
N.W:
Kgs
Meas:40.5x30.5x39.5CM
G.W:
Kgs
PASSED
QC1
Q.A:
Date:
Quanlity:
Part No:
OPTOELECTRONICS
P b
FORYARD
type
type
type
type
Q
Q
Q
QTY/
TY/
TY/
TY/foam(pcs)
foam(pcs)
foam(pcs)
foam(pcs)
Q
Q
Q
QTY
TY
TY
TY /Bundle (pcs)
/Bundle (pcs)
/Bundle (pcs)
/Bundle (pcs)
Q
Q
Q
QTY
TY
TY
TY /CARTONDimension
/CARTONDimension
/CARTONDimension
/CARTONDimension


Similar Part No. - FYE-1000XZX-XX

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYE-1000XZX-0 FORYARD-FYE-1000XZX-0 Datasheet
330Kb / 4P
   LED DIGIT DISPLAY
FYE-1000XZX-1 FORYARD-FYE-1000XZX-1 Datasheet
330Kb / 4P
   LED DIGIT DISPLAY
FYE-1000XZX-2 FORYARD-FYE-1000XZX-2 Datasheet
330Kb / 4P
   LED DIGIT DISPLAY
FYE-1000XZX-3 FORYARD-FYE-1000XZX-3 Datasheet
330Kb / 4P
   LED DIGIT DISPLAY
FYE-1000XZX-4 FORYARD-FYE-1000XZX-4 Datasheet
330Kb / 4P
   LED DIGIT DISPLAY
More results

Similar Description - FYE-1000XZX-XX

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-3622AX FORYARD-FYS-3622AX Datasheet
322Kb / 4P
   Standard brightness
logo
DOMINANT Semiconductors
L3X-C50XA DOMINANT-L3X-C50XA Datasheet
1Mb / 13P
   Standard brightness LED lamp
logo
Gilway Technical Lamp
N513 GILWAY-N513 Datasheet
108Kb / 1P
   Neon Glow Lamps (Standard Brightness)
logo
DOMINANT Semiconductors
L3X-CA0D0 DOMINANT-L3X-CA0D0 Datasheet
974Kb / 13P
   Standard brightness diffused LED lamp
L3X-C5000 DOMINANT-L3X-C5000 Datasheet
979Kb / 14P
   Standard brightness clear LED lamp
logo
Micro Electronics
M2012G MICRO-ELECTRONICS-M2012G Datasheet
80Kb / 2P
   HIGH BRIGHTNESS STANDARD GREEN SURFACE LIGHTING
logo
LUMEX INC.
GT-NE3S1025T LUMEX-GT-NE3S1025T Datasheet
46Kb / 1P
   T-3mm, STANDARD BRIGHTNESS LEON LAMP
logo
DOMINANT Semiconductors
L3X-C60D0-I2 DOMINANT-L3X-C60D0-I2 Datasheet
1Mb / 15P
   Standard brightness colored diffused LED lamp
logo
LUMEX INC.
GT-NE3H1025T LUMEX-GT-NE3H1025T Datasheet
55Kb / 1P
   T-3mm, STANDARD BRIGHTNESS NEON LAPM
GT-NE6S1325T LUMEX-GT-NE6S1325T Datasheet
48Kb / 1P
   6.5mm x 13mm LEON LAMP STANDARD BRIGHTNESS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com