Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBTN01N-12 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # SBTN01N-12
Description  1W SMD Package DC-DC Unregulated Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SBTN01N-12 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  SBTN01N-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SBTN01N-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SBTN01N-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SBTN01N-12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
File Name:SBTN01-SPEC 2017-02-24
1W SMD Package DC-DC Unregulated Converter
SBTN01 series
Natural convection
All dimensions in mm(inch)
Tolerance:x.x
0.5mm(
0.02")
±±
x.xx
x.xx
0.25mm(
0.01")
x.xxx
±±
Pin size is 0 50
.
mm ( .
0.01")
. x0 30
x
002
"
Pin is Tolerance:x.xx
0.07mm(
x
0.03")
±±
x.xx
Mechanical Specification
Plug Assignment
Reflow Soldering Curve
1
Pin No.
2
4
5
8
-Vin
Pin-Out
+Vin
-Vout
N.C.
+Vout
Installation Manual
Please refer to : http://www.meanwell.com/manual.html
Remark: The curve applies only to the hot air reflow soldering.
Derating Curve
Ta (
)
-40
-20
0
20
40
60
80
100
40
20
60
85
90
100
105
SView
ide
SView
ide
Bottom View
TOP View
1
1
2
2
8
8
0.50(0.02)
11.1(0.44)
8.5(0.33)
2.54(0.1)x3
12.9(0.50)
10.9(0.43)
12.9(0.50)
5
5
4
4
for SBTN01
for SBTN01-SC


Similar Part No. - SBTN01N-12

ManufacturerPart #DatasheetDescription
logo
NEC
SBT-0115W NEC-SBT-0115W Datasheet
2Mb / 45P
   DC Line Fileters
logo
Kemet Corporation
SBT-0115W KEMET-SBT-0115W Datasheet
103Kb / 1P
   KEMET, SBT-01W, DC Line Filters, Common Mode, 5000 nH
logo
NEC
SBT-0140W NEC-SBT-0140W Datasheet
2Mb / 45P
   DC Line Fileters
logo
Kemet Corporation
SBT-0140W KEMET-SBT-0140W Datasheet
234Kb / 5P
   Common Mode for Signal Line, Through-Hole Type, SBT-01W Series
logo
NEC
SBT-0160W NEC-SBT-0160W Datasheet
2Mb / 45P
   DC Line Fileters
More results

Similar Description - SBTN01N-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SFTN01 MEANWELL-SFTN01 Datasheet
154Kb / 4P
   1W SMD Package DC-DC Unregulated Converter
DETN01 MEANWELL-DETN01 Datasheet
154Kb / 4P
   1W SMD Package DC-DC Unregulated Converter
SPU01 MEANWELL-SPU01 Datasheet
105Kb / 4P
   1W SIP Package DC-DC Unregulated Converter
logo
Delta Electronics, Inc.
SA01D DELTA-SA01D Datasheet
202Kb / 4P
   1W DC/DC CONVERTER, SMD-Package
logo
Minmax Technology Co., ...
MSLU100 MINMAX-MSLU100_15 Datasheet
644Kb / 6P
   DC/DC CONVERTER 1W, SMD-Package
MSAU100 MINMAX-MSAU100_15 Datasheet
463Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
MSAU200 MINMAX-MSAU200_15 Datasheet
654Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
logo
Delta Electronics, Inc.
SH01S DELTA-SH01S Datasheet
208Kb / 5P
   1W DC/DC CONVERTER, SMD-Package
SA01D DELTA-SA01D_14 Datasheet
335Kb / 7P
   1W DC/DC CONVERTER, SMD-Package
logo
Minmax Technology Co., ...
MSPU01H MINMAX-MSPU01H_15 Datasheet
803Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com