Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSD-60L-24 Datasheet(PDF) 6 Page - Mean Well Enterprises Co., Ltd.

Part # RSD-60L-24
Description  60W Reliable Railway DC-DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RSD-60L-24 Datasheet(HTML) 6 Page - Mean Well Enterprises Co., Ltd.

Back Button RSD-60L-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RSD-60L-24 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RSD-60L-24 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RSD-60L-24 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. RSD-60L-24 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. RSD-60L-24 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. RSD-60L-24 Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. RSD-60L-24 Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. RSD-60L-24 Datasheet HTML 10Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
64%
68%
72%
76%
80%
84%
88%
92%
96%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
160VDC
110VDC
40VDC
64%
68%
72%
76%
80%
84%
88%
92%
96%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
160VDC
110VDC
40VDC
64%
68%
72%
76%
80%
84%
88%
92%
96%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
160VDC
110VDC
40VDC
64%
68%
72%
76%
80%
84%
88%
92%
96%
10%
20%
30%
40%
50%
60%
70%
80%
90% 100%
160VDC
110VDC
40VDC
64%
68%
72%
76%
80%
84%
88%
92%
96%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
72VDC
48VDC
18VDC
64%
68%
72%
76%
80%
84%
88%
92%
96%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
72VDC
48VDC
18VDC
64%
68%
72%
76%
80%
84%
88%
92%
96%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
72VDC
48VDC
18VDC
64%
68%
72%
76%
80%
84%
88%
92%
96%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
72VDC
48VDC
18VDC
64%
68%
72%
76%
80%
84%
88%
92%
96%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
36VDC
24VDC
9VDC
64%
68%
72%
76%
80%
84%
88%
92%
96%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
36VDC
24VDC
9VDC
64%
68%
72%
76%
80%
84%
88%
92%
96%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
36VDC
24VDC
9VDC
64%
68%
72%
76%
80%
84%
88%
92%
96%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
36VDC
24VDC
9VDC
File Name:RSD-60-SPEC 2017-08-21
R S D - 6 0 series
Efficiency vs Load & Vin Curve
The efficiency vs load & Vin curves of each model are shown as below.
Parallel and Series Connection
A.Operation in Parallel
Since RSD-60 series don't have built-in parallel circuit, it can only use external circuits to achieve the redundant operation but not increase the current rating.
1.Add a diode at the positive-output of each power supply (as shown as below), the current rating of the diode should be larger than the maximum output current rating
and attached to a suitable heat sink. This is only for redundant use (increase the reliability of the system) and users have to check suitability of the circuit by themselves.
I/P
I/P
PS2
IN
E
PS1
I/P
I/P
-
D2
+
RL
D1
-
+
2.When using S.P.S. in parallel connection, the leakage current will increase at the same time. This could pose as a shock hazard for the user. So please contact the
B.Operation in Series
RSD-60 can be operated in series. Here are the methods of doing it:
1.Positive and negative terminals are connected as shown as below. According to the connection, you can get the positive and negative output voltages for your loads.
supplier if you have this kind of application.
-V
-
I/P
I/P
I/P
+
PS2
-
I/P
E IN
PS1
+
RL
RL
COM
+V
RSD-60G-5
RSD-60G-3.3
RSD-60G-12
RSD-60G-24
RSD-60L-12
RSD-60H-5
RSD-60L-3.3
RSD-60L-24
RSD-60H-12
RSD-60L-5
RSD-60H-3.3
RSD-60H-24
LOAD
LOAD
LOAD
LOAD
LOAD
LOAD
LOAD
LOAD
LOAD
LOAD
LOAD
LOAD
60W Reliable Railway DC-DC Converter


Similar Part No. - RSD-60L-24

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RSD-0505 RECOM-RSD-0505 Datasheet
126Kb / 4P
   1 Watt SMD Single & Dual Output
RSD-0505HP RECOM-RSD-0505HP Datasheet
126Kb / 4P
   1 Watt SMD Single & Dual Output
RSD-0505P RECOM-RSD-0505P Datasheet
126Kb / 4P
   1 Watt SMD Single & Dual Output
RSD-0509 RECOM-RSD-0509 Datasheet
126Kb / 4P
   1 Watt SMD Single & Dual Output
RSD-0509HP RECOM-RSD-0509HP Datasheet
126Kb / 4P
   1 Watt SMD Single & Dual Output
More results

Similar Description - RSD-60L-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSD-30 MEANWELL-RSD-30 Datasheet
961Kb / 10P
   30W Reliable Railway DC-DC Converter
RSDW08 MEANWELL-RSDW08 Datasheet
120Kb / 5P
   8W DIP Package Reliable Railway DC-DC Converter
RSDW20 MEANWELL-RSDW20 Datasheet
141Kb / 6P
   20W 2x1 Package Reliable Railway DC-DC Converter
RSDW10 MEANWELL-RSDW10 Datasheet
115Kb / 5P
   10W DIP Package Reliable Railway DC-DC Converter
logo
List of Unclassifed Man...
HDD60 ETC1-HDD60 Datasheet
191Kb / 4P
   DC-DC CONVERTER 50~60W
logo
Mean Well Enterprises C...
RSD-300 MEANWELL-RSD-300 Datasheet
214Kb / 4P
   300W Railway Single Output DC-DC Converter
RSD-200 MEANWELL-RSD-200 Datasheet
288Kb / 7P
   200W Railway Single Output DC-DC Converter
RSD-100 MEANWELL-RSD-100_12 Datasheet
282Kb / 2P
   100W Railway Single Output DC-DC Converter
RSD-200 MEANWELL-RSD-200_12 Datasheet
305Kb / 2P
   200W Railway Single Output DC-DC Converter
logo
MORNSUN Science& Techno...
LH60-20B05 MORNSUN-LH60-20B05_15 Datasheet
419Kb / 7P
   60W, AC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com