Electronic Components Datasheet Search |
|
RSD-30G-12 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd. |
|
RSD-30G-12 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd. |
3 / 10 page SPECIFICATION R S D - 3 0 series MODEL DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER OUTPUT LINE REGULATION LOAD REGULATION SETUP, RISE TIME EFFICIENCY (Typ.) INPUT INRUSH CURRENT (Typ.) SAFETY STANDARDS WORKING TEMP. WORKING HUMIDITY STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION MTBF DIMENSION OTHERS NOTE PACKING OVERLOAD OVER VOLTAGE DC CURRENT (Typ.) 105 ~ 135% rated output power Protection type : Constant current limiting, recovers automatically after fault condition is removed -40 ~ +55℃ (no derating) ; +70℃ @ 60% load by free air convection ; +70℃ (no derating with external base plate) 5 ~ 95% RH non-condensing -40 ~ +85℃, 10 ~ 95% RH non-condensing ±0.03%/℃ (0 ~ 50℃) 10 ~ 500Hz, 5G 10min./1cycle, 60min. each along X, Y, Z axes ; Mounting : compliance to IEC61373 396.9K hrs min. MIL-HDBK-217F (25℃) 113*60*25mm (L*W*H) 0.25Kg; 56pcs/15Kg/0.83CUFT RIPPLE & NOISE (max.) Note.2 VOLTAGE TOLERANCE Note.3 WITHSTAND VOLTAGE ISOLATION RESISTANCE SAFETY & EMC (Note 4) ENVIRONMENT PROTECTION 5V 12V 24V RSD-30H-5 RSD-30H-12 RSD-30H-24 70mVp-p 60mVp-p 50mVp-p ±2.0% ±2.0% ±2.0% ±0.5% ±0.3% ±0.2% ±0.5% ±0.3% ±0.2% 120ms, 85ms at full load 89% 40 ~ 160VDC 89% 89% 0.23A/110V 0.35A/110V 20A/110VDC 5.75 ~ 7V 13.8 ~ 16.2V 27.6 ~ 32.4V EMC IMMUNITY EMC EMISSION HOLD UP TIME (Typ.) H-type comply with S2 level(10ms) @ full load Protection type : Shut down o/p voltage, re-power on to recover ℃ 6A 2.5A 1.25A 0 ~ 6A 0 ~ 2.5A 0 ~ 1.25A 30W 30W 30W I/P-O/P:4KVDC I/P-FG:2.5KVDC O/P-FG:2.5KVDC I/P-O/P, I/P-FG, O/P-FG:100M Ohms / 500VDC / 25℃/ 70% RH IEC60950-1 (LVD) RAILWAY STANDARD VOLTAGE RANGE CONTINUOUS 30W Reliable Railway DC-DC Converter Compliance to EN45545-2 for fire protection ; EN50155 / IEC60571 including IEC61373 for shock & vibration, EN50121-3-2 for EMC Parameter Parameter Radiated Conducted Harmonic Current Voltage Flicker ESD Radiated Field EFT / Burst Surge Conducted Standard Standard Test Level / Note Test Level / Note EN55032 EN55032 EN6100-3-2 EN6100-3-3 Class A Class B Class A ----- EN61000-4-2 EN61000-4-3 EN61000-4-4 EN61000-4-5 EN61000-4-6 Level X Level 3, ±8KV air ; Level 3, ±6KV contact Level 3, 2KV at power Level 4, 2KV at signal Level 3 Level 3,1KV Line-Line, Level 3, 2KV Line-Earth 3.3V RSD-30H-3.3 70mVp-p ±2.0% ±0.5% ±0.5% 87% 3.8 ~ 4.5V 6A 0 ~ 6A 19.8W File Name:RSD-30-SPEC 2017-08-21 |
Similar Part No. - RSD-30G-12 |
|
Similar Description - RSD-30G-12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |