Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSD-30G-5 Datasheet(PDF) 7 Page - Mean Well Enterprises Co., Ltd.

Part # RSD-30G-5
Description  30W Reliable Railway DC-DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RSD-30G-5 Datasheet(HTML) 7 Page - Mean Well Enterprises Co., Ltd.

Back Button RSD-30G-5 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RSD-30G-5 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RSD-30G-5 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RSD-30G-5 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. RSD-30G-5 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. RSD-30G-5 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. RSD-30G-5 Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. RSD-30G-5 Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. RSD-30G-5 Datasheet HTML 10Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
30W Reliable Railway DC-DC Converter
R S D - 3 0 series
Over Voltage Protection
LED Indicator
The converter shuts off to protect itself when the output voltage drawn exceeds 115~140% of its output rating. It must be repowered on to recover.
Equipped with a built-in LED indicator, the converter provides an easy way for users to check its condition through the LED indicator.
Green : normal operation; No signal: no power or failure.
2.Increase the output voltage (current does not change). Because RSD-30 series have no reverse blocking diode in the unit, you should add an external blocking diode
to prevent the damage of every unit while starting up. The voltage rating of the external diode should be larger than V1+V2 (as shown as below).
-
I/P
+
I/P
PS2
2
V
I/P
-
E IN
PS1
I/P
1
+
V
-V
D 2
V1+V2
L
R
1
D
+V
Overload Protection
If the output draw up to 105~135% of its output power rating, the converter will go into overload protection which is constant current mode. After the faulty condition
is removed, it will recover automatically. Please refer to the diagram below for the detail operation characteristic. Please note that it's not suitable to operate within
the overload region continuously, or it may cause to over temperature and reduce the life of the power supply unit or even damage it.
0
50
100
150
50
100
Vo(%)
Io(%)
Derating Curve
AMBIENT TEMPERATURE (℃)
100
10
0
20
40
60
80
-40
20
30
40
50 55 60
70
(HORIZONTAL)
Overload
region
a.Single unit operation
de-rating output current when ambient temperature is between 55~70
, please refer to the de-rating curve as below.
If the unit has no iron plate mounted on its bottom, the maximum ambient temperature for the unit will be 55
as operating under full load condition. It requires
File Name:RSD-30-SPEC 2017-08-21


Similar Part No. - RSD-30G-5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSD-300 MEANWELL-RSD-300 Datasheet
214Kb / 4P
   300W Railway Single Output DC-DC Converter
RSD-300B-12 MEANWELL-RSD-300B-12 Datasheet
214Kb / 4P
   300W Railway Single Output DC-DC Converter
RSD-300B-24 MEANWELL-RSD-300B-24 Datasheet
214Kb / 4P
   300W Railway Single Output DC-DC Converter
RSD-300B-48 MEANWELL-RSD-300B-48 Datasheet
214Kb / 4P
   300W Railway Single Output DC-DC Converter
RSD-300C-12 MEANWELL-RSD-300C-12 Datasheet
214Kb / 4P
   300W Railway Single Output DC-DC Converter
More results

Similar Description - RSD-30G-5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSD-60 MEANWELL-RSD-60 Datasheet
958Kb / 10P
   60W Reliable Railway DC-DC Converter
RSDW08 MEANWELL-RSDW08 Datasheet
120Kb / 5P
   8W DIP Package Reliable Railway DC-DC Converter
RSDW20 MEANWELL-RSDW20 Datasheet
141Kb / 6P
   20W 2x1 Package Reliable Railway DC-DC Converter
RSDW10 MEANWELL-RSDW10 Datasheet
115Kb / 5P
   10W DIP Package Reliable Railway DC-DC Converter
logo
Minmax Technology Co., ...
MPW1000 MINMAX-MPW1000_15 Datasheet
696Kb / 7P
   DC/DC CONVERTER 30W
MKW5000 MINMAX-MKW5000_15 Datasheet
447Kb / 6P
   DC/DC CONVERTER 30W
logo
Mean Well Enterprises C...
DDRH-30 MEANWELL-DDRH-30 Datasheet
426Kb / 8P
   30W High Reliable 150~1500Vdc Ultra Wide Input DC-DC Converter
2023-07-28
RSD-300 MEANWELL-RSD-300 Datasheet
214Kb / 4P
   300W Railway Single Output DC-DC Converter
RSD-200 MEANWELL-RSD-200 Datasheet
288Kb / 7P
   200W Railway Single Output DC-DC Converter
RSD-100 MEANWELL-RSD-100_12 Datasheet
282Kb / 2P
   100W Railway Single Output DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com