Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRF18BF471RB5RB Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # PRF18BF471RB5RB
Description  PTC Thermistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BF471RB5RB Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  PRF18BF471RB5RB Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PRF18BF471RB5RB Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PRF18BF471RB5RB Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
Note: This datasheet may be out of date.
Please download the latest datasheet of PRF18BF471RB5RB from the official website of Murata Manufacturing
Co., Ltd.
http://www.murata.com/en-us/products/productdetail?partno=PRF18BF471RB5RB
PRF18BF471RB5RB
Appearance & Shape
Applications
Limited Usage
Consumer Grade
Packaging Information
Packaging
Specifications
Minimum
Order Quantity
RB
180mm Paper Tape
4000
Features
1.Sensing accuracy +/-3 deg.C which is highest of PTC Thermistor
and the same level as NTC at sensing point.
2.Same resistance-temperature characteristics as PRF18_QB5RB
series.
Easy to use higher accurate sensing type.
3.SMD type is helpful for miniaturizing circuits because of its small
size and light weight.
4.Excellent thermal response due to small size
5.Solid-state construction provides excellent mechanical vibration
and impact resistance.
6.Contactless operation provides noiseless operation.
7.Lead is not contained in the terminations.
1 of 3
Atten ti o n
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2017/09/07


Similar Part No. - PRF18BF471RB5RB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PRF18BF471RB5RB MURATA-PRF18BF471RB5RB Datasheet
1Mb / 103P
   PTC Thermistors for Overcurrent Protection / for Inrush Current Suppression / for Overheat Sensing Lead Type
PRF18BF471RB5RB MURATA-PRF18BF471RB5RB Datasheet
1Mb / 104P
   POSISTOR for Circuit Protection
logo
Murata Manufacturing Co...
PRF18BF471RB5RB MURATA1-PRF18BF471RB5RB Datasheet
446Kb / 3P
   PTC for Temperature Sensor
12/06/2022
PRF18BF471RB5RB MURATA1-PRF18BF471RB5RB Datasheet
489Kb / 3P
   Temperature Sensors
01/31/2024
PRF18BF471RB5RB MURATA1-PRF18BF471RB5RB_V01 Datasheet
446Kb / 3P
   PTC for Temperature Sensor
12/06/2022
More results

Similar Description - PRF18BF471RB5RB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PRF15BC102RB6RC MURATA-PRF15BC102RB6RC Datasheet
215Kb / 3P
   PTC Thermistors
PRF18AR471QB5RB MURATA-PRF18AR471QB5RB Datasheet
222Kb / 3P
   PTC Thermistors
PRF18AS471QS5RB MURATA-PRF18AS471QS5RB Datasheet
225Kb / 3P
   PTC Thermistors
PRF18BG471RB5RB MURATA-PRF18BG471RB5RB Datasheet
226Kb / 3P
   PTC Thermistors
PTFL04BG222Q2N34B0 MURATA-PTFL04BG222Q2N34B0 Datasheet
210Kb / 3P
   PTC Thermistors
PRF15AR102RB6RC MURATA-PRF15AR102RB6RC Datasheet
215Kb / 3P
   PTC Thermistors
PRF15BG102RB6RC MURATA-PRF15BG102RB6RC Datasheet
217Kb / 3P
   PTC Thermistors
PRF18AR471QS5RB MURATA-PRF18AR471QS5RB Datasheet
224Kb / 3P
   PTC Thermistors
PRF18BB471RS5RB MURATA-PRF18BB471RS5RB Datasheet
225Kb / 3P
   PTC Thermistors
PTGLCSAS4R7K6B51B0 MURATA-PTGLCSAS4R7K6B51B0_17 Datasheet
250Kb / 3P
   PTC Thermistors
PTFL04BG471Q2N34B0 MURATA-PTFL04BG471Q2N34B0 Datasheet
210Kb / 3P
   PTC Thermistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com