Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB990P51Z Datasheet(PDF) 1 Page - TT Electronics.

Part # OPB990P51Z
Description  Photologic Slotted Optical Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB990P51Z Datasheet(HTML) 1 Page - TT Electronics.

  OPB990P51Z Datasheet HTML 1Page - TT Electronics. OPB990P51Z Datasheet HTML 2Page - TT Electronics. OPB990P51Z Datasheet HTML 3Page - TT Electronics. OPB990P51Z Datasheet HTML 4Page - TT Electronics. OPB990P51Z Datasheet HTML 5Page - TT Electronics. OPB990P51Z Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The OPB960/ 970/ 980/ 990 series of non-contact Photologic
® slotted optical switches provides flexibility in meeting
application specific requirements for the design engineer.
Building from a standard housing with a 0.125” (3.18mm) wide slot, the user can specify output logic state, output driver
circuit, aperture width, aperture surface and mounting tab locations. Furthermore, an option of wire or PCB leads allows
electrical interface flexibility.
The device body is an opaque plastic which minimizes sensitivity to both visible and near-infrared external light sources
which may impact operation. Aperture width choices provide different optical resolution for motion sensing. A covered
aperture provides dust protection, while an open aperture provides maximum protection against external light sources.
Electrical operation is over a wide supply voltage range. LED emissions are near-infrared (850—940nm).
Detector digital output logic choices of buffer or inverter with totem-pole or open-collector driver circuit simplify interface
for various electrical requirements.
Custom electrical, wire and cabling services are available.
Contact your local representative or OPTEK for more information. Compliant to EU RoHS Directive 2002/95/EC
 Choice of logic and output driver circuits
 Choice of aperture size, covered or open
 Wire or PCB leads
 Choice of mounting features
 Direct TTL, LSTTL, CMOS Interface
RoHS
 Speed and direction
indication
 Rotary encoders
 Mechanical switch replacement
 Mechanical limit indication
 Printers - Top of form, End of travel, Home position.
 Sliding Door Automotive and Lift gate applications
OPTEK Assembly
Photologic
® Sensor Family
Slot Aperture Surface and Lead Options:
6 — Covered (apertures not visible), PCB leads
7 — Open (apertures visible), PCB leads
8 — Covered (apertures not visible), Wires
9 — Open (apertures visible), Wires
Logic and Output Driver Types:
0 — Buffer Totem-Pole
1 — Buffer Open-Collector
2 — Inverter Totem-Pole
3 — Inverter Open-Collector
Z = Wires only, None for PCB leads
Aperture Width Guide Options:
55, 51, 11 ( See Aperture Width Guide )
Mounting Tab Location:
L — Emitter
N — None
P — Sensor
T — Both (two mounting tabs)
OPB 9XX X XX X
Logic Type
Input
LED
Output Log-
ic State
Buffer
OFF
LOW = 0
Inverter
OFF
HIGH = 1
Part Number Guide


Similar Part No. - OPB990P51Z

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB990P51Z OPTEK-OPB990P51Z Datasheet
204Kb / 7P
   Photologic Slotted Optical Switch
logo
TT Electronics.
OPB990P51Z TTELEC-OPB990P51Z Datasheet
1Mb / 6P
   Slotted Optical Switch
More results

Similar Description - OPB990P51Z

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB963N11 TTELEC-OPB963N11 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
logo
OPTEK Technologies
OPB615 OPTEK-OPB615 Datasheet
411Kb / 4P
   PHOTOLOGIC SLOTTED OPTICAL SWITCH
logo
TT Electronics.
OPB990T55Z TTELEC-OPB990T55Z Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB960L51 TTELEC-OPB960L51 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB460N11 TTELEC-OPB460N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB943W51Z TTELEC-OPB943W51Z Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB960T11 TTELEC-OPB960T11 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB461N11 TTELEC-OPB461N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB980T51Z TTELEC-OPB980T51Z Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB973T55 TTELEC-OPB973T55 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB470N11 TTELEC-OPB470N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com