Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM21-MMB-100 Datasheet(PDF) 1 Page - DDK Ltd.

Part # CM21-MMB-100
Description  Over-molded cable assembly for Industrial Ethernet
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM21-MMB-100 Datasheet(HTML) 1 Page - DDK Ltd.

  CM21-MMB-100 Datasheet HTML 1Page - DDK Ltd. CM21-MMB-100 Datasheet HTML 2Page - DDK Ltd. CM21-MMB-100 Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Your checking the latest specifications with our drawings would be highly appreciated.
The CM21 series is a cable with connectors which
was developed for the Industrial Ethernet.
The CM21 series conforms to IEC61076-2-101
M12 D-Coding standard. It can be used as
an interface for the Industrial Ethernet with
confidence.
The operators can reduce the working process
because it is delivered as over-molded cable
assemblies.
◆ Mating method
Two positioning keys conforming to IEC61076-2-101 M12 D-Coding standard prevents the
operators from having cross plugging problems.
By adopting M12 (1mm pitch) thread for the coupling ring, the smooth mating and dis-mating
are achieved.
◆ Water-proof and dust-proof structure (IP67)
The plug connector has an O-ring which completely prevents water and dust from intruding
inside when the connectors are mated.
◆ Combination of connectors for cable assembly
The cable assembly combined with the CM21 connector and the modular plug can be also
provided in order to be used with the modular jacks of the Ethernet.
CM21 Series
Over-molded cable assembly
CM21Jack/CM21Plug
CM21Jack/
Modular Plug
CM21Plug/
Modular plug
Both ends Modular Plug
Rated Current
3A / Contact
1A / Contact
Rated Voltage
30V DC
Dielectric Withstand Voltage 
1,000V AC(r.m.s.)/ 1 minute
Insulation Resistance
Min. 100M Ω / 500V DC
Operating Temperature
−25℃〜+ 70℃
Water Proof
IP67(mated) 
CM21:IP67, Modular Plug:IP20
IP20
Number of Contacts
4
150715
Lock Type
Screw
Water Proof
IP 67
Conformingng
Standard
IEC61076-2-101
OUTLINE
FEATURE
SPECIFICATIONS
for Industrial Ethernet
APPLICATIONS
Control devices, Communicaton devices, Robotics, Measurement equipments, Medical Devices


Similar Part No. - CM21-MMB-100

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM21-16 VCC-CM21-16 Datasheet
76Kb / 1P
   Lamp Sockets and Accessories
More results

Similar Description - CM21-MMB-100

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
EB-PSE REDLION-EB-PSE Datasheet
589Kb / 2P
   Industrial Power over Ethernet Injectors
logo
Axiomtek Co., Ltd.
ED3331 AXIOMTEK-ED3331 Datasheet
430Kb / 4P
   Industrial 10/100BASE-TX Ethernet Extender over Coaxial Cable
logo
Advantech Co., Ltd.
EKI-1751I ADVANTECH-EKI-1751I Datasheet
359Kb / 2P
   Industrial Ethernet over VDSL2 (with M12)
14-Nov-2017
logo
Red Lion Controls. Inc
EB-5ES-PSE REDLION-EB-5ES-PSE Datasheet
359Kb / 2P
   5 Port Power Over Ethernet Industrial Switch
logo
Advantech Co., Ltd.
IMC-150L ADVANTECH-IMC-150L Datasheet
464Kb / 2P
   Industrial Long Reach Ethernet over UTP/Coaxial Extender
13-Mar-2020
logo
Renesas Technology Corp
R-IN32M3 RENESAS-R-IN32M3 Datasheet
1Mb / 116P
   LSI for Industrial Ethernet
R-IN32M3 RENESAS-R-IN32M3_15 Datasheet
2Mb / 105P
   LSI for Industrial Ethernet
logo
Beckhoff Automation Gmb...
CX2500-0061 BECKHOFF-CX2500-0061 Datasheet
74Kb / 2P
   Power over Ethernet module for CX20xx, CX52xx
logo
Texas Instruments
PTB48540AAH TI1-PTB48540AAH Datasheet
424Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated Power Module Assembly
PTB48540AAH TI1-PTB48540AAH_14 Datasheet
424Kb / 13P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated Power Module Assembly
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com