Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM21-JMY-100 Datasheet(PDF) 2 Page - DDK Ltd.

Part # CM21-JMY-100
Description  Over-molded cable assembly for Industrial Ethernet
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM21-JMY-100 Datasheet(HTML) 2 Page - DDK Ltd.

  CM21-JMY-100 Datasheet HTML 1Page - DDK Ltd. CM21-JMY-100 Datasheet HTML 2Page - DDK Ltd. CM21-JMY-100 Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Unit:mm
http://www.ddknet.co.jp
CM21 Series
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Your checking the latest specifications with our drawings would be highly appreciated.
2
CM21-JPY-010
Cable Length
(Ex.)010:1000㎜(1 m)
   100:10000㎜(10 m)
Cable Color
Y:Yellow(Standard)
G:Green(Custom)
B:Blue (Custom)
Cable Assembly
(Connector Combination)
JP:CM21Jack / CM21 Plug
JM:CM21 Jack / Modular Plug
PM:CM21 Plug/ Modular Plug
MM:Both ends Modular Plug
Item
Material / Finish
CM21
Contact
Copper Alloy / Au Plating
Insert
Synthetic Resin
Shell
Zinc Alloy and Copper Alloy
O-ring
Synthetic Rubber
Over-Mold
Synthetic Resin
Modular
Plug
Contact
Copper Alloy / Au Plating
Insert
Synthetic Resin
Metal Shield
Copper Alloy / Au Plating
Cover
Synthetic Resin
RoHS
Compliant
RoHS
Compliant
MATERIAL/FINISH
CM21(IEC61076-2-101 M12 D-coding conformed)Cable assembly
with plug and jack connectors on both ends
○CM21 Over-molded Cable assembly


Similar Part No. - CM21-JMY-100

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM21-16 VCC-CM21-16 Datasheet
76Kb / 1P
   Lamp Sockets and Accessories
More results

Similar Description - CM21-JMY-100

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
EB-PSE REDLION-EB-PSE Datasheet
589Kb / 2P
   Industrial Power over Ethernet Injectors
logo
Axiomtek Co., Ltd.
ED3331 AXIOMTEK-ED3331 Datasheet
430Kb / 4P
   Industrial 10/100BASE-TX Ethernet Extender over Coaxial Cable
logo
Advantech Co., Ltd.
EKI-1751I ADVANTECH-EKI-1751I Datasheet
359Kb / 2P
   Industrial Ethernet over VDSL2 (with M12)
14-Nov-2017
logo
Red Lion Controls. Inc
EB-5ES-PSE REDLION-EB-5ES-PSE Datasheet
359Kb / 2P
   5 Port Power Over Ethernet Industrial Switch
logo
Advantech Co., Ltd.
IMC-150L ADVANTECH-IMC-150L Datasheet
464Kb / 2P
   Industrial Long Reach Ethernet over UTP/Coaxial Extender
13-Mar-2020
logo
Renesas Technology Corp
R-IN32M3 RENESAS-R-IN32M3 Datasheet
1Mb / 116P
   LSI for Industrial Ethernet
R-IN32M3 RENESAS-R-IN32M3_15 Datasheet
2Mb / 105P
   LSI for Industrial Ethernet
logo
Beckhoff Automation Gmb...
CX2500-0061 BECKHOFF-CX2500-0061 Datasheet
74Kb / 2P
   Power over Ethernet module for CX20xx, CX52xx
logo
Texas Instruments
PTB48540AAH TI1-PTB48540AAH Datasheet
424Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated Power Module Assembly
PTB48540AAH TI1-PTB48540AAH_14 Datasheet
424Kb / 13P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated Power Module Assembly
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com