Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB941W51Z Datasheet(PDF) 1 Page - TT Electronics.

Part # OPB941W51Z
Description  Photologic Slotted Optical Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB941W51Z Datasheet(HTML) 1 Page - TT Electronics.

  OPB941W51Z Datasheet HTML 1Page - TT Electronics. OPB941W51Z Datasheet HTML 2Page - TT Electronics. OPB941W51Z Datasheet HTML 3Page - TT Electronics. OPB941W51Z Datasheet HTML 4Page - TT Electronics. OPB941W51Z Datasheet HTML 5Page - TT Electronics. OPB941W51Z Datasheet HTML 6Page - TT Electronics. OPB941W51Z Datasheet HTML 7Page - TT Electronics. OPB941W51Z Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The OPB930 and OPB940 series of Photologic® photo integrated circuit switches provide optimum flexibility for the design
engineer. Building from a standard housing with a 0.125” (3.18 mm) wide slot, a user can specify the type and polarity of
TTL output, discrete shell material, aperture width and either 0.350” (8.9 mm) long pins
(L Series) or 24” (610 mm) AWG, UL listed wire leads (W Series).
All housings are made from an opaque grade of injection-molded plastic that minimizes the assembly’s sensitivity to both
visible and near-infrared ambient radiation. Discrete shells (exposed on the parallel faces inside the device throat) are
either IR transmissive plastic (for applications where aperture contamination may occur) or opaque plastic (for maximum
protection against ambient light).
Electrical output can be specified as either TTL Totem Pole or TTL Open Collector, either of which can be supplied with
buffer or inverter output polarity. All devices have the added stability of a built-in hysteresis amplifier.
Custom electrical, wire and cabling and connectors are available. Contact your local representative or OPTEK for more
information.
Mechanical switch replacement
Speed indication (tachometer)
Mechanical limit indication
Edge sensing
 Choice of aperture size
 Choice of output configurations
 Choice of opaque or IR transmissive shell
 Choice of pins (L) or wires (W)
 0.125” (3.18 mm) slot width
 0.320” (8.128 mm) lead spacing for PCBoard (side mounting)
 Data rates to 250 kBaud
W Package
L Package
Part Number Guide — OPB930 and OPB940 Series
OPB 9 X X X X X Z———————For “W” series only
Optek Assembly
Sensor Aperture:
1 — 0.010” (2.54 mm)
5 — 0.050” (12.70 mm)
Photologic® Photo Integrated
Emitter Aperture:
Circuit Sensor Family
5 — 0.050” (12.70 mm)
Discrete Shell Material:
Mounting configurations:
3 — Side mount IR transmissive
L — Solder leads termination
Plastic discrete shell
W — Wire termination
4 — Side mount opaque
Plastic discrete shell
Electrical Specification Variations:
0 = Buffered Totem-Pole Output
1 = Buffered Open-Collector Output
2 = Inverted Totem-Pole Output
3 = Inverted Open-Collector Output
CONTAINS POLYSULFONE
To avoid stress cracking, we suggest using ND
Industries’ Vibra-Tite for thread-locking.
Vibra-Tite evaporates fast without causing
structural failure in OPTEK’s molded plastics.
RoHS


Similar Part No. - OPB941W51Z

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB941W51Z TTELEC-OPB941W51Z Datasheet
751Kb / 9P
   Slotted Optical Switch
More results

Similar Description - OPB941W51Z

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB963N11 TTELEC-OPB963N11 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
logo
OPTEK Technologies
OPB615 OPTEK-OPB615 Datasheet
411Kb / 4P
   PHOTOLOGIC SLOTTED OPTICAL SWITCH
logo
TT Electronics.
OPB990T55Z TTELEC-OPB990T55Z Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB960L51 TTELEC-OPB960L51 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB460N11 TTELEC-OPB460N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB943W51Z TTELEC-OPB943W51Z Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB960T11 TTELEC-OPB960T11 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB461N11 TTELEC-OPB461N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB980T51Z TTELEC-OPB980T51Z Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB973T55 TTELEC-OPB973T55 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB470N11 TTELEC-OPB470N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com