Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB492T11Z Datasheet(PDF) 1 Page - TT Electronics.

Part # OPB492T11Z
Description  Photologic Slotted Optical Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB492T11Z Datasheet(HTML) 1 Page - TT Electronics.

  OPB492T11Z Datasheet HTML 1Page - TT Electronics. OPB492T11Z Datasheet HTML 2Page - TT Electronics. OPB492T11Z Datasheet HTML 3Page - TT Electronics. OPB492T11Z Datasheet HTML 4Page - TT Electronics. OPB492T11Z Datasheet HTML 5Page - TT Electronics. OPB492T11Z Datasheet HTML 6Page - TT Electronics. OPB492T11Z Datasheet HTML 7Page - TT Electronics. OPB492T11Z Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The OPB460, OPB470, OPB480 and OPB490 series of Photologic® photo integrated circuit switches provide optimum
flexibility for the design engineer. Building from a standard housing with a 0.125” (3.180 mm) wide slot, a user can specify
the type and polarity of TTL output, discrete shell material, aperture width and choice of mounting configurations. OPB460
through OPB473 have 0.425” (10.795 mm) PCBoard leads with 0.320” (8.1 mm) spacing. OPB480 through OPB493 have
24” (609 mm) 26 AWG wires (UL approved wires).
All devices in this series exhibit performance over supply voltages ranging from 4.5 V to 16.0 V, and may be specified as
buffered or inverted with 10 kW Pull-up or Open Collector output. Devices are also TTI/LSTTL compatible and can drive up
to 10 TTL loads.
Custom electrical, wire and cabling and connectors are available. Contact your local representative or OPTEK for more
information.
Applications:
 Mechanical switch replacement
 Speed indication (tachometer)
 Mechanical limit indication
 Edge sensing
 Choice of pins or wires mounting configuration
 Choice of aperture
 Choice of output configuration
 Choice of opaque or IR transmissive shell material
 Data rates to 250 kBaud
 Low power consumption
OPTEK Assembly
Photologic™ Sensor Family
Discrete Housing Material:
6 — Transmissive Shell, PCBoard Mountable
7 — Opaque Shell, PCBoard Mountable
8 — Transmissive Shell, Wire Termination
9 — Opaque Shell, Wire Termination
Electrical Specifications:
0 — Buffered 10 kΩ Output
1 — Buffered Open-Collector Output
2 — Inverted 10 kΩ Output
3 — Inverted Open-Collector Output
All PCBoard Versions RoHS Compliant:
Z = Wire Version RoHS Compliant
Sensor Aperture:
1 = 0.010” [0.25 mm]
Emitter Aperture:
1 = 0.010” [0.25 mm]
Mounting Configurations:
L — Emitter side mounting tab only
N — No mounting tabs
P — Sensor side mounting tab only
T — Two mounting tabs
Part Number Guide — OPB460, OPB470, OPB480, OPB490 Series
OPB 4 X X X 1 1 X
RoHS


Similar Part No. - OPB492T11Z

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB492T11 OPTEK-OPB492T11 Datasheet
175Kb / 4P
   Photologic Slotted Optical Switches
More results

Similar Description - OPB492T11Z

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB963N11 TTELEC-OPB963N11 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
logo
OPTEK Technologies
OPB615 OPTEK-OPB615 Datasheet
411Kb / 4P
   PHOTOLOGIC SLOTTED OPTICAL SWITCH
logo
TT Electronics.
OPB990T55Z TTELEC-OPB990T55Z Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB960L51 TTELEC-OPB960L51 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB460N11 TTELEC-OPB460N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB943W51Z TTELEC-OPB943W51Z Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB960T11 TTELEC-OPB960T11 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB461N11 TTELEC-OPB461N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB980T51Z TTELEC-OPB980T51Z Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB973T55 TTELEC-OPB973T55 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB470N11 TTELEC-OPB470N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com