Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC2383 Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SC2383
Description  TO-92L Plastic-Encapsulate Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC2383 Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SC2383 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2383 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2383 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2383 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2383 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
10
100
1000
10
100
110
1
10
100
1000
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
1
10
100
1000
300
600
900
1200
0
1020
3040
5060
70
0
50
100
150
200
250
300
350
1
10
100
1000
10
100
300
600
900
1
10
100
1000
h
FE
——
T a=
100
T a=
25℃
β=10
I
C
V
CEsat
——
COLLECTOR CURRENT I
C
(mA)
500
C
ib
C
ob
f=1MHz
I
E=0/IC=0
T
a=25
V
CB
/V
EB
C
ob
/C
ib
——
REVERSE VOLTAGE V (V)
20
P
C
——
T
a
AMBIENT TEMPERATURE T
a
( )
T
a=25
T
a=100
β=10
I
C
V
BEsat
——
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
T
a=25
I
C
2.0mA
1.8mA
1.6mA
1.4mA
1.2mA
1.0mA
0.8mA
0.6mA
0.4mA
I
B
=0.2mA
I
C
V
CE
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
COMMON EMITTER
V
CE= 5V
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
300
COMMON EMITTER
V
CE=5V
I
C
——
V
BE
BASE-EMMITER VOLTAGE V
BE (mV)
www.cj-elec.com
3
Typical Characteristics
——
E,Aug,2017


Similar Part No. - 2SC2383

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2383 TOSHIBA-2SC2383 Datasheet
171Kb / 3P
   TRANSISTOR (COLOR TV VERT. DEFLECTION, CLASS B SOUND OUTPUT APPLICATIONS)
logo
Shenzhen Luguang Electr...
2SC2383 LUGUANG-2SC2383 Datasheet
1Mb / 3P
   SOT-89 NPN Medium Power Transistor
Revision:20211206-P1
logo
Toshiba Semiconductor
2SC2383 TOSHIBA-2SC2383 Datasheet
135Kb / 5P
   Silicon NPN Epitaxial Type (PCT Process)
logo
Nanjing International G...
2SC2383 DGNJDZ-2SC2383 Datasheet
1Mb / 5P
   TO-92L Plastic-Encapsulate Transistors
logo
SHENZHEN YONGERJIA INDU...
2SC2383 WINNERJOIN-2SC2383 Datasheet
136Kb / 1P
   TRANSISTOR (NPN)
More results

Similar Description - 2SC2383

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SB649 JIANGSU-2SB649 Datasheet
4Mb / 3P
   TO-92L Plastic-Encapsulate Transistors
2SC2500 JIANGSU-2SC2500 Datasheet
2Mb / 4P
   TO-92L Plastic-Encapsulate Transistors
KTA1024 JIANGSU-KTA1024 Datasheet
5Mb / 3P
   TO-92L Plastic-Encapsulate Transistors
3DG8051 JIANGSU-3DG8051 Datasheet
3Mb / 3P
   TO-92L Plastic-Encapsulate Transistors
2SC2236 JIANGSU-2SC2236 Datasheet
2Mb / 4P
   TO-92L Plastic-Encapsulate Transistors
KTA1274 JIANGSU-KTA1274 Datasheet
8Mb / 5P
   TO-92L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SC2383L DGNJDZ-2SC2383L Datasheet
1Mb / 5P
   TO-92L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
KTC3207 JIANGSU-KTC3207 Datasheet
4Mb / 3P
   TO-92L Plastic-Encapsulate Transistors
2SC1383 JIANGSU-2SC1383 Datasheet
4Mb / 4P
   TO-92L Plastic-Encapsulate Transistors
KTD863 JIANGSU-KTD863 Datasheet
4Mb / 3P
   TO-92L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SA684L DGNJDZ-2SA684L Datasheet
1Mb / 5P
   TO-92L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com