Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC1674 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SC1674
Description  TO-92 Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC1674 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SC1674 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC1674 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC1674 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TO – 92
1. EMITTER
2. COLLECTOR
3. BASE
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
2SC1674
TRANSISTOR (NPN)
FEATURES
General Purpose Switching and Amplification.
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= 0.1mA,IE=0
30
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
20
V
Emitter-base breakdown voltage
V(BR)EBO
IE=0.1mA,IC=0
4
V
Collector cut-off current
ICBO
VCB=30V,IE=0
0.1
μA
Collector cut-off current
ICEO
VCE=20V,IB=0
0.1
μA
Emitter cut-off current
IEBO
VEB=3V,IC=0
0.1
μA
DC current gain
hFE
VCE=6V, IC=1mA
40
180
Collector-emitter saturation voltage
VCE(sat)
IC=10mA,IB=1mA
0.3
V
Base-emitter voltage
VBE
VCE=6V, IC=1mA
0.65
0.77
V
Collector output capacitance
Cob
VCB=6V,IE=0, f=1MHz
1.3
pF
Transition frequency
fT
VCE=6V,IC=1mA
400
MHz
CLASSIFICATION OF hFE
RANK
Y
GR
BL
RANGE
40-80
60-120
90-180
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
30
V
VCEO
Collector-Emitter Voltage
20
V
VEBO
Emitter-Base Voltage
4
V
IC
Collector Current
0.02
A
PC
Collector Power Dissipation
250
mW
RθJA
Thermal Resistance From Junction To Ambient
500
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
www.cj-elec.com
1
C,Dec,2015


Similar Part No. - 2SC1674

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2SC1674 TEL-2SC1674 Datasheet
108Kb / 1P
   TO-92 Plastic-Encapsulated Transistors
logo
NEC
2SC1674 NEC-2SC1674 Datasheet
298Kb / 4P
   NPN SILICON TRANSISTOR
logo
Dc Components
2SC1674 DCCOM-2SC1674 Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SC1674 SECOS-2SC1674 Datasheet
83Kb / 1P
   NPN Plastic Encapsulated Transistor
logo
Tiger Electronic Co.,Lt...
2SC1674 TGS-2SC1674 Datasheet
243Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (NPN)
More results

Similar Description - 2SC1674

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com