Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC1318 Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SC1318
Description  TO-92 Plastic-Encapsulate Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC1318 Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SC1318 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC1318 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC1318 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC1318 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC1318 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1
10
100
10
100
1000
0.1
1
10
100
0
200
400
600
800
1000
0
25
50
75
100
125
150
0
125
250
375
500
625
750
0.1
1
10
100
10
100
110
100
10
100
1000
0.1
1
10
1
10
100
0.0
0.3
0.6
0.9
1.2
0.1
1
10
100
0
4
8
12
16
20
24
0
50
100
150
200
250
500
I
C
f
T
——
COMMON EMITTER
V
CE=10V
T
a=25
COLLECTOR CURRENT I
C
(mA)
500
β=10
I
C
V
BEsat
——
COLLECTOR CURREMT I
C
(mA)
T
a=100
T
a=25
P
C
——
T
a
AMBIENT TEMPERATURE T
a
( )
500
500
T
a=100
T
a=25
β=10
I
C
V
CEsat
——
COLLECTOR CURREMT I
C
(mA)
300
I
C
h
FE
——
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE= 10V
30
200
f=1MHz
I
E=0/IC=0
T
a=25
V
CB
/V
EB
C
ob
/C
ib
——
C
ob
C
ib
REVERSE VOLTAGE V (V)
BASE-EMMITER VOLTAGE V
BE (V)
I
C
——
V
BE
COMMON EMITTER
V
CE=10V
Static Characteristic
COMMON
EMITTER
T
a=25
1mA
0.8mA
0.7mA
0.6mA
0.5mA
0.4mA
0.3mA
0.9mA
0.2mA
I
B=0.1mA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Typical Characteristics
www.cj-elec.com
3
E,Aug,2017


Similar Part No. - 2SC1318

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1318 PANASONIC-2SC1318 Datasheet
67Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
logo
SeCoS Halbleitertechnol...
2SC1318 SECOS-2SC1318 Datasheet
84Kb / 1P
   NPN Plastic Encapsulated Transistor
logo
Foshan Blue Rocket Elec...
2SC1318 FOSHAN-2SC1318 Datasheet
904Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
logo
List of Unclassifed Man...
2SC1318 ETC1-2SC1318 Datasheet
192Kb / 3P
   TRANSISTOR
logo
Nanjing International G...
2SC1318 DGNJDZ-2SC1318 Datasheet
1Mb / 5P
   TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - 2SC1318

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com