Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1440 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SB1440
Description  SOT-89-3L Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SB1440 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SB1440 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SB1440 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SB1440 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SB1440 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0.1
1
10
10
100
1E-3
0.01
0.1
1
100
0
25
50
75
100
125
150
0
100
200
300
400
500
600
1E-4
1E-3
0.01
0.1
1
300
400
500
600
700
800
900
1000
1100
1E-4
1E-3
0.01
0.1
1
10
100
01
23
45
67
0.00
0.05
0.10
0.15
0.20
REVERSE VOLTAGE V (V)
V
CB
/ V
EB
C
ob
/ C
ib
——
Cob
Cib
f=1MHz
I
E=0 / IC=0
T
a=25
oC
500
-
-
-
-
-
-
--
-
-
-
-
-
-
-
-
-
-
-
COLLECTOR CURRENT I
C
(A)
T
a=25
oC
T
a=100
oC
I
C
h
FE
——
V
CE= -2V
50
800
200
300
2
P
c
——
T
a
AMBIENT TEMPERATURE T
a
( )
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
I
C
V
BEsat
——
COLLECTOR CURRENT I
C
(A)
T
a=100
T
a=25
β=20
2
-
-
-
-
-
-
COLLECTOR CURRENT I
C
(A)
T
a=25
T
a=100
V
CEsat
——
I
C
β=20
700
2
COMMON
EMITTER
T
a=25
-1.0mA
-0.9mA
-0.8mA
-0.7mA
-0.6mA
-0.5mA
-0.4mA
-0.3mA
-0.2mA
I
B=-0.1mA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
-0.22
Typical Characteristics
www.cj-elec.com
2
A,Jun,2014
www.cj-elec.com
D,Nov,2015


Similar Part No. - 2SB1440

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1440 PANASONIC-2SB1440 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency output amplification)
logo
Guangdong Kexin Industr...
2SB1440 KEXIN-2SB1440 Datasheet
50Kb / 1P
   Silicon PNP Epitaxial Planar Type
logo
SeCoS Halbleitertechnol...
2SB1440 SECOS-2SB1440 Datasheet
105Kb / 2P
   PNP Plastic Encapsulated Transistor
logo
Shenzhen Jin Yu Semicon...
2SB1440 HTSEMI-2SB1440 Datasheet
225Kb / 2P
   TRANSISTOR(PNP)
logo
WILLAS ELECTRONIC CORP
2SB1440 WILLAS-2SB1440 Datasheet
504Kb / 3P
   SOT-89 Plastic-Encapsulate Transistors
More results

Similar Description - 2SB1440

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SB1386 JIANGSU-2SB1386 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SB1424 JIANGSU-2SB1424 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SC2881 JIANGSU-2SC2881 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SC5785 JIANGSU-2SC5785 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
2SD1766 JIANGSU-2SD1766 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SA1013 JIANGSU-2SA1013 Datasheet
11Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
BCX54 JIANGSU-BCX54 Datasheet
2Mb / 5P
   SOT-89-3L Plastic-Encapsulate Transistors
BCX69 JIANGSU-BCX69 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
D882H JIANGSU-D882H Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
BCX55 JIANGSU-BCX55 Datasheet
2Mb / 5P
   SOT-89-3L Plastic-Encapsulate Transistors
BSR33 JIANGSU-BSR33 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com