Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1386 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SB1386
Description  SOT-89-3L Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SB1386 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SB1386 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SB1386 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SB1386 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SB1386 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
-1E-3
-0.01
-0.1
-1
0
100
200
300
400
500
-1E-3
-0.01
-0.1
-1
-0.0
-0.4
-0.8
-1.2
-1.6
-1E-3
-0.01
-0.1
-1
-0.0
-0.2
-0.4
-0.6
-0.8
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1E-3
-0.01
-0.1
-1
-0.1
-1
-10
10
100
1000
-0
-1
-2
-3
-0.0
-0.3
-0.6
-0.9
-1.2
-1.5
AMBIENT TEMPERATURE Ta ( )
Pc —— Ta
Ta=100℃
Ta=25℃
COLLECTOR CURRENT I
C
(A)
V
CE=-2V
I
C
-3
h
FE
——
-5
β=40
COLLECTOR CURRENT I
C
(A)
Ta=25℃
Ta=100℃
I
C
V
BEsat
——
V
BE
COLLECTOR CURRENT I
C
(A)
β=40
Ta=25℃
Ta=100℃
I
C
V
CEsat
——
-5
I
C
——
Ta=25℃
Ta=100℃
V
CE=-2V
-5
BASE-EMMITER VOLTAGE V
BE
(V)
-20
C
ob
C
ib
REVERSE VOLTAGE V (V)
f=1MHz
I
E=0/ IC=0
Ta=25℃
V
CB/ VEB
C
ob/ Cib
——
-4mA
-3.6mA
-3.2mA
-2.8mA
-2.4mA
-2mA
-1.6mA
-1.2mA
-0.8mA
I
B=-0.4mA
Static Characteristic
COMMON
EMITTER
Ta=25℃
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Typical Characteristics
www.cj-elec.com
2
A,Jun,2014
www.cj-elec.com
D,Oct,2015


Similar Part No. - 2SB1386

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1386 ROHM-2SB1386 Datasheet
107Kb / 5P
   Low Frequency Transistor(-20V,-5A)
logo
Galaxy Semi-Conductor H...
2SB1386 BILIN-2SB1386 Datasheet
185Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
logo
Weitron Technology
2SB1386 WEITRON-2SB1386 Datasheet
151Kb / 6P
   Epitaxial Planar Transistor PNP Silicon
logo
Foshan Blue Rocket Elec...
2SB1386 FOSHAN-2SB1386 Datasheet
862Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
logo
Unisonic Technologies
2SB1386 UTC-2SB1386 Datasheet
200Kb / 5P
   LOW FREQUENCY PNP TRANSISTOR
More results

Similar Description - 2SB1386

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SB1424 JIANGSU-2SB1424 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SC2881 JIANGSU-2SC2881 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SC5785 JIANGSU-2SC5785 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
2SD1766 JIANGSU-2SD1766 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SA1013 JIANGSU-2SA1013 Datasheet
11Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
BCX54 JIANGSU-BCX54 Datasheet
2Mb / 5P
   SOT-89-3L Plastic-Encapsulate Transistors
BCX69 JIANGSU-BCX69 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
D882H JIANGSU-D882H Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
BCX55 JIANGSU-BCX55 Datasheet
2Mb / 5P
   SOT-89-3L Plastic-Encapsulate Transistors
BSR33 JIANGSU-BSR33 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com