Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1370 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SB1370
Description  TO-220F Plastic-Encapsulate Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SB1370 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SB1370 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SB1370 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-220F Plastic-Encapsulate Transistors
2SB1370 TRANSISTOR (PNP)
FEATURES
Breakdown Voltage High
Reverse Cut-off Current Small
Saturation Voltage Low
Collector Power dissipation
PCM : 2 W (Tamb=25.)
30 W (Tcase=25.)
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-60
V
VCEO
Collector-Emitter Voltage
-60
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-3
A
TJ
Junction temperature
150
Tstg
Storage temperature
-55-150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
T
yp
M
ax
U
nit
Collector-base breakdown voltage
V(BR)CBO
IC=-50μA, IE=0
-60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA, IB=0
-60
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-50μA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-60V, IE=0
-10
μA
Emitter cut-off current
IEBO
VEB=-4V, IC=0
-10
μA
DC current gain
hFE *
VCE=-5V, IC=-500mA
100
320
Collector-emitter saturation voltage
VCE(sat) *
IC=-2A, IB=-0.2A
-1.5
V
Base-emitter saturation voltage
VBE(sat) *
IC=-2A, IB=-0.2A
-1.5
V
Transition frequency
fT
VCE=-5V, IC=-500mA,f=5MHz
15
MHz
Out capacitance
Cob
VCB= -10 V ,f=1MHZ
80
pF
*Pulse test: tp≤300μS, δ≤0.02.
CLASSIFICATION OF hFE
Rank
E
F
Range
100-200
160-320
TO-220F
1. BASE
2. COLLECTOR
3. EMITTE
www.cj-elec.com
1
C,May,2016
1
3
2


Similar Part No. - 2SB1370

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1370 ROHM-2SB1370 Datasheet
91Kb / 1P
   TAPED POWER TRANSISTOR PACKAGE FOR USE WITH AN AUTOMATIC PLACEMENT MACHINE
2SB1370 ROHM-2SB1370 Datasheet
42Kb / 1P
   Power Transistor(-60V, -3A)
logo
Savantic, Inc.
2SB1370 SAVANTIC-2SB1370 Datasheet
111Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB1370 ISC-2SB1370 Datasheet
251Kb / 2P
   isc Silicon PNP Power Transistor
logo
Savantic, Inc.
2SB1370 SAVANTIC-2SB1370 Datasheet
113Kb / 3P
   silicon PNP Power Transistors
More results

Similar Description - 2SB1370

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
KSA614F JIANGSU-KSA614F Datasheet
1Mb / 2P
   TO-220F Plastic-Encapsulate Transistors
KSD1408 JIANGSU-KSD1408 Datasheet
1Mb / 3P
   TO-220F Plastic-Encapsulate Transistors
TIP42CF JIANGSU-TIP42CF Datasheet
803Kb / 3P
   TO-220F Plastic-Encapsulate Transistors
2SB946 JIANGSU-2SB946 Datasheet
684Kb / 2P
   TO-220F Plastic-Encapsulate Transistors
2SD2012 JIANGSU-2SD2012 Datasheet
1Mb / 3P
   TO-220F Plastic-Encapsulate Transistors
2SD1761 JIANGSU-2SD1761 Datasheet
1Mb / 3P
   TO-220F Plastic-Encapsulate Transistors
2SD2061 JIANGSU-2SD2061 Datasheet
82Kb / 2P
   TO-220F Plastic-Encapsulate Transistors
KSC5021F JIANGSU-KSC5021F Datasheet
1Mb / 2P
   TO-220F Plastic-Encapsulate Transistors
KTD2061 JIANGSU-KTD2061 Datasheet
1Mb / 2P
   TO-220F Plastic-Encapsulate Transistors
2SA2050 JIANGSU-2SA2050 Datasheet
1Mb / 2P
   TO-220F Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com