Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTS25S15 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FTS25S15
Description  IDC Ribbon Connectors Flachbandkabelsteckverbinder
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FTS25S15 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FTS25S15 Datasheet HTML 1Page - List of Unclassifed Manufacturers FTS25S15 Datasheet HTML 2Page - List of Unclassifed Manufacturers FTS25S15 Datasheet HTML 3Page - List of Unclassifed Manufacturers FTS25S15 Datasheet HTML 4Page - List of Unclassifed Manufacturers FTS25S15 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Order Code
Bestellschlüssel
fctgroup.com I 
IDC Ribbon Connectors
Flachbandkabelsteckverbinder
Order Details
Bestellhinweise
F
09
P
15
K49
Series Prefix
Serienbezeichnung
Mounting Type
Befestigungsarten
--
Standard / Standard
W
Float Mounted
Schwimmend
T
Clinch nut 4-40UNC
Einnietmutter 4-40 UNC
Z
Clinch Nut M3
Einnietmutter M3
TS
Clinch nut 4-40UNC, self locking
Einnietmutter 4-40 UNC, selbstsichernd
ZS
Clinch nut M3, self locking
Einnietmutter M3, selbstsichernd
No. of Contacts / Polzahl
09
15
25
37
Shell Size / Gehäusegröße
1
2
3
4
Contact Type
Kontaktart
P
Pin contact
Stiftkontakt
S
Socket contact
Buchsenkontakt
Contact Design, e.g.
Kontaktvarianten, z.B.
15
IDC-contacts
Schneidklemmkontakte
Contact Platings
Kontaktoberflächen
K49
≈ 0.2 µm Au (8 microinches) Au
≈ 0,2 µm Au
K61
≈ 0.8 µm Au (31 microinches) Au (RoHS on request.
≈ 0,8 µm Au (RoHS auf Anfrage)


Similar Part No. - FTS25S15

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FTS2001 SANYO-FTS2001 Datasheet
43Kb / 3P
   DC-DC Converter Applications
FTS2002 SANYO-FTS2002 Datasheet
46Kb / 4P
   DC-DC Converter Applications
FTS2003 SANYO-FTS2003 Datasheet
99Kb / 4P
   DC/DC Converter Applications
FTS2004 SANYO-FTS2004 Datasheet
166Kb / 4P
   Ultrahigh-Speed Switching Applications
FTS2005 SANYO-FTS2005 Datasheet
40Kb / 4P
   Liquid Crystal Display Backlight Drive Applications
More results

Similar Description - FTS25S15

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MRXX-SF-3 ADAM-TECH-MRXX-SF-3 Datasheet
133Kb / 1P
   IDC MINIATURE RIBBON SOCKET
MR64-SE-34 ADAM-TECH-MR64-SE-34 Datasheet
77Kb / 1P
   RIBBON CABLE IDC TYPE
MRXX-SD-36-F ADAM-TECH-MRXX-SD-36-F Datasheet
94Kb / 1P
   IDC MINIATURE RIBBON PLUG
logo
3M Electronics
D3448-89108 3M-D3448-89108 Datasheet
479Kb / 4P
   IDC Ribbon Cable Socket
logo
Adam Technologies, Inc.
MR64-PE-34 ADAM-TECH-MR64-PE-34 Datasheet
88Kb / 1P
   RIBBON CABLE IDC TYPE
MRXX-SE-14 ADAM-TECH-MRXX-SE-14 Datasheet
131Kb / 1P
   IDC MINIATURE RIBBON SOCKET
MRXX-PF-HD-5 ADAM-TECH-MRXX-PF-HD-5 Datasheet
92Kb / 1P
   IDC MINIATURE RIBBON PLUG
MRXX-SE-34 ADAM-TECH-MRXX-SE-34 Datasheet
129Kb / 1P
   IDC MINIATURE RIBBON SOCKET
MR36-PF-2 ADAM-TECH-MR36-PF-2 Datasheet
136Kb / 1P
   MINIATURE RIBBON IDC FLAT CABLE TERMINATION
logo
Samtec, Inc
IDSD-03-D-06.00-T SAMTEC-IDSD-03-D-06.00-T Datasheet
344Kb / 2P
   SLIM BODY FLAT RIBBON IDC CABLES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com