Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FK22PL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FK22PL
Description  High Density Connectors High Density Steckverbinder
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FK22PL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FK22PL Datasheet HTML 1Page - List of Unclassifed Manufacturers FK22PL Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Turned Crimp Contacts
Pin
Stift
The turned crimp contacts are available in standard and MIL ver-
sions. For the standard contacts, the plating is to 1.3 µm (50 mi-
croinches) gold over nickel, and for the MIL contacts it is 1.3 µm
(50 microinches) gold over nickel.
For crimping tools please see top of page 489.
Order Example FK22SL-08V_0100
FK22SL-08V Crimp socket contact for wire size 24-28,
plating 0.8 µm (31 microinches) Au over Ni.
_0100
100 pieces are packed in one bag.
Technical Data
Technische Daten
Gedrehte Crimpkontakte
Socket
Buchse
Die gedrehten Crimpkontakte sind in einer Standard- sowie
einer MIL-Ausführung lieferbar. Bei den Standardkontakten be-
trägt die Oberflächenschichtstärke bis 1,3 µm Au, bei den MIL-
Kontakten 1,3 µm Au, jeweils über Nickel.
Verarbeitungwerkzeuge siehe Seite 489.
Bestellbeispiel FK22SL-08V_0100
FK22SL-08V Crimpbuchsenkontakt für Drahtgröße
AWG 24-28, Oberfläche 0,8 µm Au über Ni.
_0100
100 Stück in einem Beutel verpackt.
Packing Unit
Verpackungseinheit
110 I connecting is our business
High Density Connectors
High Density Steckverbinder
Product Description
Produktbeschreibung
High Density D-Sub Crimp Connectors
High Density D-Sub Crimp Steckverbinder
Order Details
Bestellhinweise
Order Number
MIL-No.
Au (over Ni)
Type
Bestellnummer
MIL-Nummer
Au über Ni
Typ
FK22PL-02V...
0,2 µm (8 microinches)
Pin / Stift
FK22SL-02V...
0,2 µm (8 microinches)
Socket / Buchse
FK22PL-08V...
0,8 µm (31 microinches)
Pin / Stift
FK22SL-08V...
0,8 µm (31 microinches)
Socket / Buchse
FK22PL-13V...
1,3 µm (51 microinches)
Pin / Stift
FK22SL-13V...
1,3 µm (51 microinches)
Socket / Buchse
M39029/58-360
24308/13-1, M39029/58-360
1,3 µm (51 microinches)
Pin / Stift
M39029/57-354
24308/12-1, M39029/57-354
1,3 µm (51 microinches)
Socket / Buchse
Specifications
Technische Beschreibung
Material
Copper alloy
Material
Kupferlegierung
Contact Size
22, pin Ø 0,76 mm (Ø 0.030")
Kontaktgröße
22, Stift Ø 0,76 mm
Matching wire size
AWG 24 - 28
Passende Drahtgröße
Packing Unit (Pieces)
Addition to Order Number
Verpackungseinheit (Stück)
Bestellnummernergänzung
100
_0100
1000
_1000
5000
_5000


Similar Part No. - FK22PL

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FK22 TDK-FK22 Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
FK22 TDK-FK22 Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead
FK22C0G1H154J TDK-FK22C0G1H154J Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
FK22C0G1H154J TDK-FK22C0G1H154J Datasheet
206Kb / 22P
   Capacitor with Multi-layer Lead
FK22C0G1H224J TDK-FK22C0G1H224J Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results

Similar Description - FK22PL

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DN210-50P HIROSE-DN210-50P Datasheet
776Kb / 6P
   HIGH DENSITY MINIATURE CONNECTORS
MCN51-8S2-PFA HIROSE-MCN51-8S2-PFA Datasheet
289Kb / 6P
   High Current, High Density, Power Connectors
logo
List of Unclassifed Man...
09561005601 ETC2-09561005601 Datasheet
329Kb / 14P
   High Density subminiature D connectors
logo
SOURIAU-SUNBANK Connect...
8MCJS505 SOURIAU-8MCJS505 Datasheet
4Mb / 42P
   Miniature Lightweight High Density Connectors
logo
Vicor Corporation
MIL-COTS VICOR-MIL-COTS Datasheet
1Mb / 10P
   High density
logo
Ohmite Mfg. Co.
RES-TA OHMITE-RES-TA Datasheet
333Kb / 2P
   High Power Density
logo
Vicor Corporation
BCM48BX060Y240A00 VICOR-BCM48BX060Y240A00 Datasheet
790Kb / 20P
   High power density
BCM352X110Y300B00 VICOR-BCM352X110Y300B00 Datasheet
854Kb / 21P
   High power density
logo
CTS Corporation
753 CTS-753_16 Datasheet
189Kb / 4P
   High Density Packaging
logo
XP Power Limited
SDC XPPOWER-SDC Datasheet
410Kb / 4P
   High Power Density
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com