Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FK22PL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FK22PL
Description  High Density Connectors High Density Steckverbinder
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FK22PL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FK22PL Datasheet HTML 1Page - List of Unclassifed Manufacturers FK22PL Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
fctgroup.com I 111
High Density Connectors
High Density Steckverbinder
Product Description
Produktbeschreibung
Stamped Crimp Contacts
Pin
Stift
The stamped crimp contacts for high density D-Sub connectors
are available in reels of 300, 2,000 pcs or 10,000 pcs. The con-
tacts are selectively gold plated in the mating area.
For crimping tools please see page 489.
Order Example P110-06V_2000
P110-06V Stamped crimp pin contact for wire size 24-28,
plating: 0.6 µm (25 microinches) Au over Ni.
_2000
2,000 pieces on one reel.
Technical Data
Technische Daten
Gestanzte Crimpkontakte
Socket
Buchse
Die gestanzten Kontakte für High Density D-Sub Steckverbinder
sind auf einer Rolle zu 300, 2.000 Stück oder zu 10.000 Stück
lieferbar. Die Kontakte sind im Steckbereich selektiv vergoldet.
Verarbeitungswerkzeuge siehe Seite 489.
Bestellbeispiel P110-06V_2000
Gestanzter Crimpstiftkontakt für Drahtgröße AWG 24-28,
Oberfläche 0,6 µm Au über Ni.
_2000
2.000 Stück auf einer Rolle.
Packing Unit
Verpackungseinheit
High Density D-Sub Crimp Connectors
High Density D-Sub Crimp Steckverbinder
Order Details
Bestellhinweise
Wire Size (AWG)
Order Number
Au (over Ni)
Type
Drahtgröße (AWG)
Bestellnummer
Au über Ni
Typ
24-28
P110-01V…*
≤ 0,1 µm (4 microinches)
Pin / Stift
24-28
P110-06V...
≥ 0,6 µm (25 microinches)
Pin / Stift
24-28
S110-01V…*
≤ 0,1 µm (4 microinches)
Socket / Buchse
24-28
S110-06V...
≥ 0,6 µm (25 microinches)
Socket / Buchse
* on request / auf Anfrage
Specifications
Technische Beschreibung
Material
Copper alloy
Material
Kupferlegierung
Contact size
AWG22, pin Ø 0,76 mm (Ø 0.030")
Kontaktgröße
AWG22, Stift Ø 0,76 mm
Matching wire sizes
AWG 24 - 28
Passende Drahtgrößen
Packing Unit (Pieces)
Addition to Order Number
Verpackungseinheit (Stück)
Bestellnummernergänzung
300
_0300
2000
_2000
_2000
10000
_10000


Similar Part No. - FK22PL

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FK22 TDK-FK22 Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
FK22 TDK-FK22 Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead
FK22C0G1H154J TDK-FK22C0G1H154J Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
FK22C0G1H154J TDK-FK22C0G1H154J Datasheet
206Kb / 22P
   Capacitor with Multi-layer Lead
FK22C0G1H224J TDK-FK22C0G1H224J Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results

Similar Description - FK22PL

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DN210-50P HIROSE-DN210-50P Datasheet
776Kb / 6P
   HIGH DENSITY MINIATURE CONNECTORS
MCN51-8S2-PFA HIROSE-MCN51-8S2-PFA Datasheet
289Kb / 6P
   High Current, High Density, Power Connectors
logo
List of Unclassifed Man...
09561005601 ETC2-09561005601 Datasheet
329Kb / 14P
   High Density subminiature D connectors
logo
SOURIAU-SUNBANK Connect...
8MCJS505 SOURIAU-8MCJS505 Datasheet
4Mb / 42P
   Miniature Lightweight High Density Connectors
logo
Vicor Corporation
MIL-COTS VICOR-MIL-COTS Datasheet
1Mb / 10P
   High density
logo
Ohmite Mfg. Co.
RES-TA OHMITE-RES-TA Datasheet
333Kb / 2P
   High Power Density
logo
Vicor Corporation
BCM48BX060Y240A00 VICOR-BCM48BX060Y240A00 Datasheet
790Kb / 20P
   High power density
BCM352X110Y300B00 VICOR-BCM352X110Y300B00 Datasheet
854Kb / 21P
   High power density
logo
CTS Corporation
753 CTS-753_16 Datasheet
189Kb / 4P
   High Density Packaging
logo
XP Power Limited
SDC XPPOWER-SDC Datasheet
410Kb / 4P
   High Power Density
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com