Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

803-87-006-10-012101 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part No. 803-87-006-10-012101
Description  PCB CONNECTORS
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PREDIP [Precid-Dip Durtal SA]
Homepage  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

803-87-006-10-012101 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  803-87-006-10-012101 Datasheet HTML 1Page - Precid-Dip Durtal SA 803-87-006-10-012101 Datasheet HTML 2Page - Precid-Dip Durtal SA 803-87-006-10-012101 Datasheet HTML 3Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PCB CONNECTORS
SERIES
803
803-PP-NNN-10-012101
Double row
2.54 mm, Straight solder tail, Mating pin Ø 0.76 mm
Socket connectors, solder tail
TECHNICAL SPECS.:
Insulator
Black glass filled polyester PCT-GF30-FR
Flammability
UL 94V-O
Sleeve
Brass CuZn36Pb3 (C36000)
Contact
Clip (6 finger): Beryllium copper (C17200)
Mating pin Ø
0.70 to 0.90 mm, 0.635 mm square
Insertion force
1.2 N typ.
Withdrawal force
0.6 N typ. (polished steel gauge Ø 0.76 mm)
Mechanical life
Min. 500 cycles
Rated current
3 A
Contact resistance
Max. 10 m
Dielectric strength
Min. 1000 V RMS
ORDERING INFORMATION:
PP Plating code
Sleeve
Clip
87
Tin
Gold flash
83
Tin
Gold 0.75 µm
NNN number of poles. Replace NNN with the requested number of poles, e.g. 803-87-NNN-10-268101 for a double
row version with 16 pins becomes 803-87-016-10-268101
PRECI-DIP SA
Rue Saint-Henri 11
P.P.Box 834
CH-2800 Delémont / Switzerland
PHONE
+41 (0)32 421 04 00
FAX
+41 (0)32 421 04 01
E-MAIL
sales@precidip.com
www.precidip.com


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn