Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUP85N06 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. SUP85N06
Description  N-Channel 60-V (D-S) 175C MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SUP85N06 Datasheet(HTML) 3 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SUP/SUB85N06-05
Vishay Siliconix
New Product
Document Number: 71113
S-20556—Rev. C, 22-Apr-02
www.vishay.com
2-3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
2000
4000
6000
8000
10000
12000
0
6
12
18
24
30
0
4
8
12
16
20
0
60
120
180
240
300
0
50
100
150
200
250
0
20406080
100
0.000
0.002
0.004
0.006
0.008
0
20
40
60
80
100
120
0
40
80
120
160
200
0
1234
5
0
50
100
150
200
250
0
2468
10
Output Characteristics
Transfer Characteristics
Capacitance
Gate Charge
Transconductance
On-Resistance vs. Drain Current
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
Qg – Total Gate Charge (nC)
ID – Drain Current (A)
VDS – Drain-to-Source Voltage (V)
25
_C
–55
_C
3 V
TC = 125_C
VGS = 30 V
ID = 85 A
VGS = 10 thru 5 V
VGS = 10 V
Ciss
Coss
TC = –55_C
25
_C
125
_C
4 V
VGS = 4.5 V
Crss
ID – Drain Current (A)


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn