Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUP85N06 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SUP85N06
Description  N-Channel 60-V (D-S) 175C MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUP85N06 Datasheet(HTML) 1 Page - Vishay Siliconix

  SUP85N06 Datasheet HTML 1Page - Vishay Siliconix SUP85N06 Datasheet HTML 2Page - Vishay Siliconix SUP85N06 Datasheet HTML 3Page - Vishay Siliconix SUP85N06 Datasheet HTML 4Page - Vishay Siliconix SUP85N06 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SUP/SUB85N06-05
Vishay Siliconix
New Product
Document Number: 71113
S-20556—Rev. C, 22-Apr-02
www.vishay.com
2-1
N-Channel 60-V (D-S) 175
_C MOSFET
PRODUCT SUMMARY
V(BR)DSS (V)
rDS(on) (W)
ID (A)
0.0052 @ VGS = 10 V
"
60
0.0072 @ VGS = 4.5 V
"85 a
D
G
S
N-Channel MOSFET
TO-220AB
Top View
GD S
DRAIN connected to TAB
TO-263
S
D
G
Top View
SUP85N06-05
SUB85N06-05
ABSOLUTE MAXIMUM RATINGS (TC = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
Gate-Source Voltage
VGS
"20
V
_
TC = 25_C
"85a
Continuous Drain Current (TJ = 175_C)
TC = 125_C
ID
"85a
Pulsed Drain Current
IDM
"240
A
Avalanche Current
IAR
"75
Repetitive Avalanche Energyb
L = 0.1 mH
EAR
280
mJ
TC = 25_C (TO-220AB and TO-263)
250c
Maximum Power Dissipationb
TA = 25_C (TO-263)d
PD
3.7
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 175
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Limit
Unit
PCB Mount (TO-263)d
40
Junction-to-Ambient
Free Air (TO-220AB)
RthJA
62.5
_C/W
Junction-to-Case
RthJC
0.6
C/W
Notes
a.
Package limited.
b.
Duty cycle
v 1%.
c.
See SOA curve for voltage derating.
d.
When mounted on 1” square PCB (FR-4 material).


Similar Part No. - SUP85N06

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SUP85N06-05 VBSEMI-SUP85N06-05 Datasheet
1Mb / 8P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - SUP85N06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP90N06-05L VISHAY-SUP90N06-05L Datasheet
59Kb / 5P
   N-Channel 60-V (D-S) 175C MOSFET
Rev. A, 09-Aug-04
SUP75N06-08 VISHAY-SUP75N06-08 Datasheet
47Kb / 4P
   N-Channel 60-V (D-S), 175C MOSFET
Rev. F, 10-Dec-01
SUD50N06-08H VISHAY-SUD50N06-08H Datasheet
177Kb / 3P
   N-Channel 60-V (D-S) 175c MOSFET
20-Oct-04
SUM75N06-09L VISHAY-SUM75N06-09L Datasheet
44Kb / 5P
   N-Channel 60-V (D-S), 175C MOSFET
Rev. A, 25-Nov-02
SUP75N06-07L VISHAY-SUP75N06-07L Datasheet
45Kb / 4P
   N-Channel 60-V (D-S) 175C MOSFET
Rev. F, 10-Dec-00
SUP60N06-18 VISHAY-SUP60N06-18 Datasheet
72Kb / 4P
   N-Channel 60-V (D-S), 175C MOSFET
Rev. D, 24-Feb-98
SUP70N06-14 VISHAY-SUP70N06-14 Datasheet
56Kb / 4P
   N-Channel 60-V (D-S), 175C MOSFET
Rev. C, 24-Feb-98
SUM110N06-05L VISHAY-SUM110N06-05L Datasheet
73Kb / 5P
   N-Channel 60-V (D-S) 175C MOSFET
Rev. B, 29-Dec-03
SUM60N06-15 VISHAY-SUM60N06-15 Datasheet
63Kb / 5P
   N-Channel 60-V (D-S) 175C MOSFET
Rev. B, 24-Nov-03
SUM110N06-3M4L VISHAY-SUM110N06-3M4L Datasheet
182Kb / 3P
   N-Channel 60-V (D-S) 175C MOSFET
02-Jul-04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com