Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZ09P15 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FZ09P15
Description  IDC Ribbon Connectors Flachbandkabelsteckverbinder
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FZ09P15 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FZ09P15 Datasheet HTML 1Page - List of Unclassifed Manufacturers FZ09P15 Datasheet HTML 2Page - List of Unclassifed Manufacturers FZ09P15 Datasheet HTML 3Page - List of Unclassifed Manufacturers FZ09P15 Datasheet HTML 4Page - List of Unclassifed Manufacturers FZ09P15 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IDC Ribbon Connectors
Flachbandkabelsteckverbinder
Advantages and Special Features
I Connector with IDC-contacts for termination of
IDC Ribbon cables
I Available in sizes 9-way to 7-way
I With strain-relief spring
I Pin/socket contacts available
I Suitable for wire size AWG 8
I Suitable plastic hoods available
Vorteile und Merkmale im Überblick
I Steckverbinder mit Schneidklemmkontakten für den
Anschluss von IDC Ribbon Kabel (Flachbandleitung)
I Polzahlen 9 bis 37 erhältlich
I Mit Zugentlastungsbügel
I Pin-/Buchenkontakte verfügbar
I Für Drahtgröße AWG 28 geeignet
I Passende Kunststoffhauben im Sortiment
fctgroup.com I 1
IDC Ribbon Connectors
Flachbandkabelsteckverbinder
Product Description
Produktbeschreibung


Similar Part No. - FZ09P15

ManufacturerPart #DatasheetDescription
logo
Vincotech
FZ06 VINCOTECH-FZ06 Datasheet
2Mb / 15P
   2-clip housing in 12mm and 17mm height
FZ06BIA045FH VINCOTECH-FZ06BIA045FH Datasheet
3Mb / 29P
   flowSOL 0 BI
FZ06BIA045FH01 VINCOTECH-FZ06BIA045FH01 Datasheet
2Mb / 29P
   Ultra fast switching frequency
FZ06BIA045FH02 VINCOTECH-FZ06BIA045FH02 Datasheet
3Mb / 30P
   Low inductive design
FZ06BIA070FS VINCOTECH-FZ06BIA070FS Datasheet
712Kb / 8P
   Ultra fast switching frequency
More results

Similar Description - FZ09P15

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MRXX-SF-3 ADAM-TECH-MRXX-SF-3 Datasheet
133Kb / 1P
   IDC MINIATURE RIBBON SOCKET
MR64-SE-34 ADAM-TECH-MR64-SE-34 Datasheet
77Kb / 1P
   RIBBON CABLE IDC TYPE
MRXX-SD-36-F ADAM-TECH-MRXX-SD-36-F Datasheet
94Kb / 1P
   IDC MINIATURE RIBBON PLUG
logo
3M Electronics
D3448-89108 3M-D3448-89108 Datasheet
479Kb / 4P
   IDC Ribbon Cable Socket
logo
Adam Technologies, Inc.
MR64-PE-34 ADAM-TECH-MR64-PE-34 Datasheet
88Kb / 1P
   RIBBON CABLE IDC TYPE
MRXX-SE-14 ADAM-TECH-MRXX-SE-14 Datasheet
131Kb / 1P
   IDC MINIATURE RIBBON SOCKET
MRXX-PF-HD-5 ADAM-TECH-MRXX-PF-HD-5 Datasheet
92Kb / 1P
   IDC MINIATURE RIBBON PLUG
MRXX-SE-34 ADAM-TECH-MRXX-SE-34 Datasheet
129Kb / 1P
   IDC MINIATURE RIBBON SOCKET
MR36-PF-2 ADAM-TECH-MR36-PF-2 Datasheet
136Kb / 1P
   MINIATURE RIBBON IDC FLAT CABLE TERMINATION
logo
Samtec, Inc
IDSD-03-D-06.00-T SAMTEC-IDSD-03-D-06.00-T Datasheet
344Kb / 2P
   SLIM BODY FLAT RIBBON IDC CABLES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com