Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

8FM-78-0002-02-278191 Datasheet(PDF) 2 Page - Precid-Dip Durtal SA

Part No. 8FM-78-0002-02-278191
Description  SMD socket and pin connectors, parallel mount
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PREDIP [Precid-Dip Durtal SA]
Homepage  http://www.precidip.com
Logo 

8FM-78-0002-02-278191 Datasheet(HTML) 2 Page - Precid-Dip Durtal SA

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
environtMental
Operating temperature
-55 ... + 125°C
Climatic category (IEC)
55 / 125 / 21
Solderability
245°C, 5s
Resistance to soldering heat
260°C, 10s
MaterialS
Contact body (socket)
Machined brass C36000, tin
plating 5 μm Sn over 2.5 μm Ni
Contact body (pin)
Machined brass C36000, gold pla-
ting 0.25 μm Sn over 2.5 μm Ni
Contact spring
BeCu C17200, gold plated
(gold flash or 0.75 μm) over Ni
Insulator
Glass filled polyester PCT-GF30-
FR, self-extinguishing UL94V-0,
colour black
Mechanical characteriSticS
Mating pins (socket)
Diameter 0.70 to 0.90 mm
Connecting pin
0.76 mm
Mechanical life
Min. 500 cycles
Coplanarity SMD terminations
Max. 0.1 mm
electrical characteriSticS
Operating voltage
100 V
RMS / 150 VDC
Rated current
3A
Contact resistance
max 10 m
Insulation resistance
Min. 10'000 M
Ω at 500 VaC
Dielectric strength
500 V
RMS
Air and creepage distances
0.70 mm
Capacitance
1 pF max.
2. technical SpecificationS
3. orDering inforMation
4. technical DraWingS
DiMenSionS, orDer coDe nuMberS
SOCkET CONNECTOR 8FM-PP-0nnn-02-278
Contact Plating Code -PP-:
78-Body: tin Clip: gold flash
38-Body: tin Clip: 0.75 μm gold
Code for number of contacts –0nnn-:
2 to 10 contacts
PIN CONNECTOR 8MM-11-0nnn-02-279
Contact Plating Code -11-:
Body and clip: 0.25 μm gold
Code for number of contacts –0nnn-:
2 to 10 contacts
packaging inforMation
Available in bulk or in tape & reel packaging.
Socket conector 8FM-PP-0nnn-02-278
Pin conector 8MM-11-0nnn-02-279


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn