Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

8FM-78-0002-02-278191 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part No. 8FM-78-0002-02-278191
Description  SMD socket and pin connectors, parallel mount
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PREDIP [Precid-Dip Durtal SA]
Homepage  http://www.precidip.com
Logo 

8FM-78-0002-02-278191 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
SMD Socket anD pin connectorS,
parallel Mount
1. DeScription anD general featureS
general
DeScription
Low profile surface mount socket and pin connectors for parallel mounting. The number
of contacts for each connector is from 2 to 10 poles.This pair of connectors is an optimal
solution to connect and stack printed circuit boards. Both carriers are made of high tem-
perature plastic and maintain the contacts in place during the soldering operation. Car-
rier is used as a pick & place cap allowing automatic positioning on the PCB. Cap is not
foreseen to be removed after soldering. Both connectors can be supplied either in bulk
or in a tape & reel packaging. Challenge was to develop a connector that will be soldered
on a minimum PCB surface.
aDvantageS
Main advantage of this connector is its small size and it can be soldered from under-
neath. Optimal connection between two PCB. Reliable technology using our BeCu clip
with 500 cycles guaranteed. The maximum current rating is 3 Amps.
applicationS
Pair of connectors (socket connector & pin header) has originally been designed and de-
veloped for a connection between two LED lighting strips. Each strip is equipped on one
end with a 2-way socket connector and on the other end with a pin header. LED lighting
strips are stackable. For this application, a connector with SMD solder tails at the back
of the connector was not possible due to space limitation. This type of connectors can of
course be used in many other applications where a board-to-board connection is needed.
optional verSionS
Current version can be modified to meet with your specific requirements. Plastic carrier
and contacts can easily be adapted to fit your application.
proDuct inforMation
ip0001.00
swiss world connects


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn