Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STRM6511 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part No. STRM6511
Description  OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STRM6511 Datasheet(HTML) 4 Page - Allegro MicroSystems

  STRM6511 Datasheet HTML 1Page - Allegro MicroSystems STRM6511 Datasheet HTML 2Page - Allegro MicroSystems STRM6511 Datasheet HTML 3Page - Allegro MicroSystems STRM6511 Datasheet HTML 4Page - Allegro MicroSystems STRM6511 Datasheet HTML 5Page - Allegro MicroSystems STRM6511 Datasheet HTML 6Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
STR-M6511
OFF-LINE
SWITCHING REGULATOR
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
+
VOLTAGE
SENSE
+ OUTPUT
– OUTPUT
+
+
+
Dwg. EK-002
3
R
SQ
5
1
2
4
6
7
+
5
STR-M6511
5
TYPICAL APPLICATION
WARNING: lethal potentials are present. See text.
APPLICATIONS INFORMATION
WARNING — These devices are designed to be operated at lethal voltages and energy levels.
Circuit designs that embody these components must conform with applicable safety requirements.
Precautions must be taken to prevent accidental contact with power-line potentials.
Do not connect grounded test equipment.
The use of an isolation transformer is recommended during circuit development and breadboarding.
The power MOSFET outputs of these devices are similar to the International Rectifier type IRFP448. These devices
feature an excellent combination of fast switching, ruggedized device design, low on-resistance, and cost effectiveness.
Recommended mounting hardware torque:
4.34 – 5.79 lbf•ft (6 – 8 kg•cm or 0.588 – 0.784 Nm).
Recommended metal-oxide-filled, alkyl-degenerated oil base, silicone grease:
Dow Corning 340, or equivalent


Similar Part No. - STRM6511

ManufacturerPart No.DatasheetDescription
Allegro MicroSystems
Allegro MicroSystems
STRM6529 ALLEGRO-STRM6529 Datasheet
73Kb / 6P
   OFF-LINE SWITCHING REGULATOR . WITH POWER MOSFET OUTPUT
More results

Similar Description - STRM6511

ManufacturerPart No.DatasheetDescription
Sanken electric
Sanken electric
STRS6513 SANKEN-STRS6513 Datasheet
72Kb / 6P
   OFF-LINE SWITCHING REGULATOR - WITH POWER MOSFET OUTPUT
Allegro MicroSystems
Allegro MicroSystems
STR-M6511 ALLEGRO-STR-M6511 Datasheet
72Kb / 6P
   OFF-LINE SWITCHING REGULATOR . WITH POWER MOSFET OUTPUT
STR-S6525 ALLEGRO-STR-S6525 Datasheet
91Kb / 8P
   OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT
STR-M6529 ALLEGRO-STR-M6529 Datasheet
73Kb / 6P
   OFF-LINE SWITCHING REGULATOR . WITH POWER MOSFET OUTPUT
STR-S6529 ALLEGRO-STR-S6529 Datasheet
73Kb / 6P
   OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT
STR-S6513 ALLEGRO-STR-S6513 Datasheet
72Kb / 6P
   OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT
STR-S6411 ALLEGRO-STR-S6411 Datasheet
115Kb / 8P
   OFF-LINE SWITCHING REGULATORS . WITH POWER MOSFET OUTPUT
STR-S6401 ALLEGRO-STR-S6401 Datasheet
116Kb / 8P
   OFF-LINE SWITCHING REGULATORS WITH POWER MOSFET OUTPUT
STR-S5703 ALLEGRO-STR-S5703 Datasheet
162Kb / 8P
   OFF-LINE SWITCHING REGULATOR WITH BIPOLAR SWITCHING TRANSISTOR
ON Semiconductor
ON Semiconductor
NCP1000 ONSEMI-NCP1000_06 Datasheet
126Kb / 14P
   Integrated Off?묹ine Switching Regulator
February, 2006 ??Rev. 8
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz