Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MV036F090M013 Datasheet(PDF) 2 Page - Vicor Corporation

Part # MV036F090M013
Description  MV036 SERIES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MV036F090M013 Datasheet(HTML) 2 Page - Vicor Corporation

  MV036F090M013 Datasheet HTML 1Page - Vicor Corporation MV036F090M013 Datasheet HTML 2Page - Vicor Corporation MV036F090M013 Datasheet HTML 3Page - Vicor Corporation MV036F090M013 Datasheet HTML 4Page - Vicor Corporation MV036F090M013 Datasheet HTML 5Page - Vicor Corporation MV036F090M013 Datasheet HTML 6Page - Vicor Corporation MV036F090M013 Datasheet HTML 7Page - Vicor Corporation MV036F090M013 Datasheet HTML 8Page - Vicor Corporation MV036F090M013 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MIL-COTS Chip Transformer
Rev 2.9
vicorpower.com
Page 2 of 10
01/2014
800 927.9474
End of Life - Please see First Page
MV036 SERIES
Electrical Specifications
Parameter
Min
Typ
Max
Unit
Note
Input voltage range
See table 1
36
50
Vdc
Input dV/dt
1
V/µs
Input overvoltage turn-on
50.5
54.4
Vdc
Input overvoltage turn-off
55.5
57.5
Vdc
Input current
3.5
Adc
Continuous
No load power dissipation
1.5
4.0
7.8
W
Low line to high line
Input Specs (Conditions are at 36 Vin, full load, and 25°C ambient unless otherwise specified)
Parameter
Min
Typ
Max
Unit
Note
Output voltage
See Table 1
Vdc
No load
KVIN – IO ROUT NOM
Vdc
Full load
Rated DC current
0
100
Adc
26 - 50 VIN
See Table 1
Peak repetitive current
150%
IMAX (A)
Max pulse width 1ms, max duty cycle 10%,
baseline power 50%
DC current limit
160%
INOM (A)
Module will shut down when current limit is reached
or exceeded
Current share accuracy
5
10
%
Efficiency
See Table 2, Page 3
Load capacitance
See Table 2 when used with PRM
Output overvoltage setpoint
110%
115%
VOUT MAX
Output ripple voltage (typ)
No external bypass
50
250
mV
See Figures 2 and 5
10 µF bypass capacitor
2
20
mV
See Figure 6
Effective switching frequency
2.5
3.0
3.6
MHz
Model dependent
Line regulation
0.99K
K
1.01K
VOUT = KVIN at no load, See Table 1
Load regulation
ROUTMIN
ROUTMAX
m
Ω
See Table 1
Transient response
Response time
200
ns
See Figures 7 and 8
Recovery time
1
µs
See Figures 7 and 8
Output Specs (Conditions are at 36 Vin, full load, and 25°C ambient unless otherwise specified)
Parameter
Values
Unit
Notes
+In to -In
-1.0 to 60
Vdc
100
Vdc
For 100 ms
PC to -In
-0.3 to 7.0
Vdc
VC to -In
-0.3 to 19.0
Vdc
+Out to -Out
Model specific
Vdc
Contact factory
Isolation voltage
2,250
Vdc
Input to Output
Output current
Model specific
A
See Table 1
Peak output current
1.5 Iout
A
For 1 ms
Output power
120
W
Peak output power
180
W
For 1 ms
Case temperature
225
°C
MSL 5
245
°C
MSL 6
Operating junction temperature[a]
-55 to 125
°C
M - Grade
Storage temperature
-65 to 125
°C
M - Grade
Note:
[a] The referenced junction is defined as the semiconductor having the highest temperature. This temperature is monitored by a shutdown comparator.
Absolute Maximum Ratings


Similar Part No. - MV036F090M013

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MV036F090M013 VICOR-MV036F090M013 Datasheet
678Kb / 10P
   VTM Current Multiplier
MV036F090M013 VICOR-MV036F090M013 Datasheet
711Kb / 10P
   Transformer
MV036F090M013 VICOR-MV036F090M013 Datasheet
1Mb / 10P
   High density
More results

Similar Description - MV036F090M013

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com