Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRD48AF480T400A00 Datasheet(PDF) 3 Page - Vicor Corporation

Part # PRD48AF480T400A00
Description  PRM-AL Customer Evaluation Boards
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PRD48AF480T400A00 Datasheet(HTML) 3 Page - Vicor Corporation

  PRD48AF480T400A00 Datasheet HTML 1Page - Vicor Corporation PRD48AF480T400A00 Datasheet HTML 2Page - Vicor Corporation PRD48AF480T400A00 Datasheet HTML 3Page - Vicor Corporation PRD48AF480T400A00 Datasheet HTML 4Page - Vicor Corporation PRD48AF480T400A00 Datasheet HTML 5Page - Vicor Corporation PRD48AF480T400A00 Datasheet HTML 6Page - Vicor Corporation PRD48AF480T400A00 Datasheet HTML 7Page - Vicor Corporation PRD48AF480T400A00 Datasheet HTML 8Page - Vicor Corporation PRD48AF480T400A00 Datasheet HTML 9Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UG:003
vicorpower.com
Applications Engineering: 800 927.9474
Page 3
e. Toggling the switch indicated OSV (OS Variable) to the ON position requires the
switch indicated OSF (OS Fixed) be placed in the OFF position and allows the
PRM® output set point to be varied within the range specified on the data sheet.
f. Toggling the switch indicated OSF to the ON position sets the output of the PRM
to the nominal value indicated on the data sheet. If this switch is in the OFF
position and the OSV switch is also OFF, the unit will not function.
g. IT IS BEST TO SET THE SWITCH POSITION AND CORRESPONDING TRIM POT
SETTINGS BEFORE APPLYING POWER TO THE BOARD.
6. Test point for Secondary Control (SC).
7. Output voltage points are designed to accommodate #10 hardware and
Panduit ring lugs.
8. Output connector (J01) for mating with VTM-CB providing Vout and VC. As shown
on the schematic (Figure 2) there are four pins dedicated to the + Out, four for the
-Out, and two for the VC. Each contact is rated for 3 A. The excess capacity afforded
by these pins can facilitate testing multiple VTM-CBs from a single PRM-CB using an
appropriate wiring harness and mating connector. This may also be achieved using
the large pads of Item 7.
9. Output scope jack (J02). Headers H01 and J01 are 0.100" spacing, 10 position female,
manufactured by Sullins Electronics and available from Digi-Key as part # S5519-ND.
Figure 2.
PRM-CB schematic diagram


Similar Part No. - PRD48AF480T400A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRD48BF480T400A00 VICOR-PRD48BF480T400A00 Datasheet
1Mb / 22P
   PRM??Regulator
PRD48BF480T600A00 VICOR-PRD48BF480T600A00 Datasheet
802Kb / 22P
   PRM짰 Regulator Remote Sense Only
More results

Similar Description - PRD48AF480T400A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MP028F036M12AL-CB VICOR-MP028F036M12AL-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
V048F080T030-CB VICOR-V048F080T030-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MV036F015M080-CB VICOR-MV036F015M080-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
V048F060T040-CB VICOR-V048F060T040-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
VTD48EF020T080A00 VICOR-VTD48EF020T080A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
VTD48EH015T050A00 VICOR-VTD48EH015T050A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MVTD36BF360M003A00 VICOR-MVTD36BF360M003A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MV036F011M100-CB VICOR-MV036F011M100-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
P045F048T32AL-CB VICOR-P045F048T32AL-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
VTD48EF480T006A00 VICOR-VTD48EF480T006A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com