Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IB050E120T40N1-CB Datasheet(PDF) 4 Page - Vicor Corporation

Part # IB050E120T40N1-CB
Description  Oscilloscope probe jack for output voltage and ripple measurements
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

IB050E120T40N1-CB Datasheet(HTML) 4 Page - Vicor Corporation

  IB050E120T40N1-CB Datasheet HTML 1Page - Vicor Corporation IB050E120T40N1-CB Datasheet HTML 2Page - Vicor Corporation IB050E120T40N1-CB Datasheet HTML 3Page - Vicor Corporation IB050E120T40N1-CB Datasheet HTML 4Page - Vicor Corporation IB050E120T40N1-CB Datasheet HTML 5Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UG:104
vicorpower.com
Applications Engineering: 800 927.9474
Page 4
Paralleling
The paralleling and current sharing capability of the devices can be demonstrated by
stacking multiple Customer Evaluation Boards and interconnecting the inputs and
outputs with standoffs of sufficient current handling capability to create a 3-dimensional
array. See Figure 3 below. When paralleling IBCs the EN control header (J11) should not
be used. The modules should be enabled with the S10 switch. Pre-enabling all modules
before input power is applied does not guarantee a synchronous startup. Therefore, the
load at startup must be sized so that any one module is able to successfully startup into
that load alone.
Input Current Measurement
A current probe can be passed around the +in lead connected to the IBC. Input
capacitors on the Customer Evaluation Board are downstream of this
measurement point.
Efficiency Measurement
As the IBC can deliver and consume large currents, the effect of the PCB must be
considered when making an efficiency measurement. Be certain to accurately measure
the voltage directly at the IBC using the appropriate pair of contact points located at the
corners of the IBC.
Figure 3.
Paralleling connections
of two IBC Customer
Evaluation Boards
+IN
+OUT
–IN
–OUT


Similar Part No. - IB050E120T40N1-CB

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB050E120T40N1-00 VICOR-IB050E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB050E120T40N1-00 VICOR-IB050E120T40N1-00 Datasheet
1Mb / 17P
   4:1 Intermediate Bus Converter Module: Up to 500W Output
More results

Similar Description - IB050E120T40N1-CB

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N2862A HP-N2862A Datasheet
282Kb / 4P
   Oscilloscope Probe
logo
Pomona Electronics
6496 POMONA-6496 Datasheet
121Kb / 1P
   Modular Passive Oscilloscope Probe
6491 POMONA-6491 Datasheet
118Kb / 1P
   Modular Passive Oscilloscope Probe
6499 POMONA-6499 Datasheet
116Kb / 1P
   Modular Passive Oscilloscope Probe
6554 POMONA-6554 Datasheet
123Kb / 1P
   Microline Passive Oscilloscope Probe
6495 POMONA-6495 Datasheet
119Kb / 1P
   Modular Passive Oscilloscope Probe
6500 POMONA-6500 Datasheet
125Kb / 1P
   Modular Passive Oscilloscope Probe
6493 POMONA-6493 Datasheet
114Kb / 1P
   Modular Passive Oscilloscope Probe
6497 POMONA-6497 Datasheet
121Kb / 1P
   Modular Passive Oscilloscope Probe w/RO
6494 POMONA-6494 Datasheet
115Kb / 1P
   Modular Passive Oscilloscope Probe w/RO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com