Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ODLV-45A-60 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # ODLV-45A-60
Description  45W PWM Output LED Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ODLV-45A-60 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  ODLV-45A-60 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ODLV-45A-60 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. ODLV-45A-60 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. ODLV-45A-60 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. ODLV-45A-60 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. ODLV-45A-60 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
5.00%
7.00%
9.00%
11.00%
13.00%
15.00%
17.00%
19.00%
50%
60%
70%
80%
90%
100%
277(45W)
230(45W)
115(36W)
85%
86%
87%
88%
89%
90%
91%
50%
60%
70%
80%
90%
100%
277(45W)
230(45W)
115(36W)
0.75
0.80
0.85
0.90
0.95
1.00
50%
60%
70%
80%
90%
100%
277(45W)
230(45W)
115(36W)
File Name:ODLV-45-SPEC 2017-07-21
O D LV- 4 5 series
45W PWM Output LED Driver
LOAD
OUTPUT LOAD vs TEMPERATURE
STATIC CHARACTERISTIC
TOTAL HARMONIC DISTORTION (THD)
POWER FACTOR (PF) CHARACTERISTIC
※De-rating is needed under low input voltage.
EFFICIENCY vs LOAD
ODLV-45 series possess superior working efficiency that up to 90% can
be reached in field applications.
※ 60V Model,Tcase at 75
60V Model,Tcase at 75
LOAD
INPUT VOLTAGE (V)
LOAD
※ Tcase at 75
(HORIZONTAL)
(HORIZONTAL)
-20
-10
0
10
20
30
40
20
40
60
80
100
90
295
100
90
80
70
60
50
40
135
180
200
-20
-10
0
15
30
45
60
85
20
40
60
80
100
230
70
70
100
for others
for 12V model
50
AMBIENT TEMPERATURE,Ta (℃)
Tcase (℃)


Similar Part No. - ODLV-45A-60

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ODLV-65 MEANWELL-ODLV-65 Datasheet
195Kb / 6P
   65W PWM Output LED Driver
ODLV-65-12 MEANWELL-ODLV-65-12 Datasheet
195Kb / 6P
   65W PWM Output LED Driver
ODLV-65-24 MEANWELL-ODLV-65-24 Datasheet
195Kb / 6P
   65W PWM Output LED Driver
ODLV-65-36 MEANWELL-ODLV-65-36 Datasheet
195Kb / 6P
   65W PWM Output LED Driver
ODLV-65-48 MEANWELL-ODLV-65-48 Datasheet
195Kb / 6P
   65W PWM Output LED Driver
More results

Similar Description - ODLV-45A-60

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IDLV-45 MEANWELL-IDLV-45 Datasheet
660Kb / 6P
   45W PWM Output LED Driver
IDPV-45 MEANWELL-IDPV-45 Datasheet
158Kb / 6P
   45W PWM Output LED Driver
IDPV-25 MEANWELL-IDPV-25 Datasheet
140Kb / 6P
   25W PWM Output LED Driver
IDLV-65 MEANWELL-IDLV-65 Datasheet
270Kb / 6P
   65W PWM Output LED Driver
IDPV-65 MEANWELL-IDPV-65 Datasheet
152Kb / 6P
   65W PWM Output LED Driver
ODLV-65 MEANWELL-ODLV-65 Datasheet
195Kb / 6P
   65W PWM Output LED Driver
IDLV-25 MEANWELL-IDLV-25 Datasheet
262Kb / 6P
   25W PWM Output LED Driver
PWM-120-KN MEANWELL-PWM-120-KN Datasheet
189Kb / 8P
   120W PWM Output KNX LED Driver
PWM-60-KN MEANWELL-PWM-60-KN Datasheet
193Kb / 8P
   60W PWM Output KNX LED Driver
PLN-45-12 MEANWELL-PLN-45-12 Datasheet
190Kb / 2P
   45W Single Output LED Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com