Electronic Components Datasheet Search |
|
ODLV-45A-48 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd. |
|
ODLV-45A-48 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd. |
2 / 6 page 45W PWM Output LED Driver O D LV- 4 5 series File Name:ODLV-45-SPEC 2017-07-21 ODLV-45 -12 ODLV-45 -24 ODLV-45 -36 ODLV-45 -48 ODLV-45 -60 SPECIFICATION MODEL OUTPUT FREQUENCY RANGE POWER FACTOR (Typ.) EFFICIENCY (Typ.) AC CURRENT (Typ.) INPUT INRUSH CURRENT(Typ.) LEAKAGE CURRENT SAFETY STANDARDS WORKING HUMIDITY STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION MTBF DIMENSION OTHERS NOTE PACKING OVER CURRENT 47 ~ 63Hz 105 ~ 115% 20 ~ 90% RH non-condensing -40 ~ +80℃, 10 ~ 95% RH ±0.03%/℃ (0 ~ 50℃) 10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes ENVIRONMENT SAFETY & EMC PROTECTION EMC IMMUNITY EMC EMISSION WITHSTAND VOLTAGE ISOLATION RESISTANCE TOTAL HARMONIC DISTORTION I/P-O/P:3.75KVAC I/P-O/P:100M Ohms / 500VDC / 25℃/ 70% RH ±10% 0~100% 84% 86% 88% 88% 90% 0.6A / 115VAC 0.4A / 230VAC 0.3A / 277VAC <0.75mA / 277VAC 111*77*28.5mm (L*W*H) 0.42Kg;24pcs/11Kg/ 0.72CUFT SHORT CIRCUIT DIMMING RANGE DC VOLTAGE RATED POWER SETUP TIME Note.3 VOLTAGE TOLERANCE VOLTAGE RANGE Note.2 1KHz(±20%) 500ms / 230VAC 1200ms/115VAC 12V 24V 36V 48V 60V 3.0A 1.88A 1.25A 0.94A 36W 45.12W 45W 45.12W 0.75A 45W PWM FREQUENCY (Typ.) AUXILIARY DC OUTPUT Note.4 Nominal 12V(deviation 11.4~12.6)@50mA for A-Type only (Please refer to "STATIC CHARACTERISTIC" section) 90 ~ 295VAC 127 ~ 417VDC PF>0.95/115VAC, PF>0.92/230VAC, PF>0.9/277VAC@full load (Please refer to "POWER FACTOR (PF) CHARACTERISTIC" section) THD< 20%(@load≧60%/115VAC,230VAC; @load≧75%/277VAC) (Please refer to “TOTAL HARMONIC DISTORTION” section) COLD START 30A(twidth=150 s measured at 50% Ipeak) at 230VAC μ ; Per NEMA 410 <0.5W for Blank-Type, <1.2W for A-Type NO LOAD POWER CONSUMPTION WORKING TEMP. MAX. CASE TEMP. Tcase=-20 ~ +85℃ (Please refer to “ OUTPUT LOAD vs TEMPERATURE” section) Tcase=+85℃ UL8750(type"HL"),CSA C22.2 NO.250.13-12;ENEC EN61347-1 & EN61347-2-13 independent, EN62384,GB19510.1,GB19510.14; Compliance to EN55015, EN61000-3-2 Class C (@load≧60%) ; EN61000-3-3,GB17743,GB17625.1 Compliance to EN61000-4-2,3,4,5,6,8,11; EN61547, light industry level(surge immunity:Line-Line:1KV) 1.Allparameters NOT speciallymentionedaremeasuredat230VAC input,ratedcurrentand25 ofambienttemperature. ℃ 2.De-ratingmaybeneededunderlowinputvoltages.Pleasereferto“STATIC CHARACTERISTIC”sectionsfordetails. 3.Lengthofsetuptimeismeasuredatcoldfirststart.Turning ON/OFF thedrivermayleadtoincreaseofthesetuptime. 4.ThereisnodesignofshortcircuitprotectionfortheAuxiliary DC output;thisfunctioncannotbeusedwhendimminginputterminals(DIM+,DIM-) areshortcircuitorwhenitisnoloadorshortcircuitatoutput(Vo+,Vo-). 5.Thedriverisconsideredasacomponentthatwillbeoperatedincombinationwithfinalequipment.Since EMC performancewillbe affectedbythecompleteinstallation,thefinalequipmentmanufacturersmustre-qualify EMC Directiveonthecompleteinstallationagain. MAX. No. of PSUs on 16A CIRCUIT BREAKER 32 units (circuit breaker of type B) / 32 units (circuit breaker of type C) at 230VAC Protection type : Hiccup mode, recovers automatically after fault condition is removed RATED CURRENT IP67 approved 388.02K hrs min. MIL-HDBK-217F (25℃) Shut down O/P voltage, re-power on to recovery |
Similar Part No. - ODLV-45A-48 |
|
Similar Description - ODLV-45A-48 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |