Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPFH-60D-54 Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

Part # LPFH-60D-54
Description  60W Constant Current LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LPFH-60D-54 Datasheet(HTML) 5 Page - Mean Well Enterprises Co., Ltd.

  LPFH-60D-54 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LPFH-60D-54 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LPFH-60D-54 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LPFH-60D-54 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. LPFH-60D-54 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. LPFH-60D-54 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. LPFH-60D-54 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. LPFH-60D-54 Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Note: In the case of turning the lighting fixture down to 0% brightness, please refer to the configuration as follow, or please contact MEAN WELL
for other options.
Using a switch and relay can turn ON/OFF the lighting fixture.
1.Output constant current level can be adjusted through output cable by connecting a resistor or 1~10Vdc or 10V PWM signal between DIM+ and DIM-.
2.The LED lighting fixture can be turned ON/OFF by the switch.
NL
Relay
Blue
Brown
AC/L
AC/N
LPFH-60D
DIM+
DIM-
V(-)
V(+)
Blue
White
Black
Red
Switch
Adjuster
10~100K Ohms resistance
1~10V DC Voltage
10V PWM Signal
LED Lighting Fixture
LPFH-60D series
File Name:LPFH-60D-SPEC 2016-12-23
60W Constant Current LED Driver


Similar Part No. - LPFH-60D-54

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPFH-60 MEANWELL-LPFH-60 Datasheet
107Kb / 6P
   60W Constant Voltage Constant Current LED Driver
LPFH-60-12 MEANWELL-LPFH-60-12 Datasheet
107Kb / 6P
   60W Constant Voltage Constant Current LED Driver
LPFH-60-15 MEANWELL-LPFH-60-15 Datasheet
107Kb / 6P
   60W Constant Voltage Constant Current LED Driver
LPFH-60-24 MEANWELL-LPFH-60-24 Datasheet
107Kb / 6P
   60W Constant Voltage Constant Current LED Driver
LPFH-60-36 MEANWELL-LPFH-60-36 Datasheet
107Kb / 6P
   60W Constant Voltage Constant Current LED Driver
More results

Similar Description - LPFH-60D-54

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPFH-60 MEANWELL-LPFH-60 Datasheet
107Kb / 6P
   60W Constant Voltage Constant Current LED Driver
logo
Vitec Power
ILPA60JU-SERIES Vitec-ILPA60JU-SERIES Datasheet
296Kb / 2P
   60W Water-Proof Constant Current LED Driver
ILPA60JU Vitec-ILPA60JU Datasheet
296Kb / 2P
   60W Water-Proof Constant Current LED Driver
logo
Phihong USA Inc.
PDA060B-700B PHIHONG-PDA060B-700B Datasheet
204Kb / 3P
   60W Constant Current LED Driver Waterproof LED Driver Non-Dimming
logo
Inventronics Inc.
LUR-060SXXXST INVENTRONICS-LUR-060SXXXST Datasheet
354Kb / 8P
   60W Constant Current IP54 Driver
Rev. A
EUC-060SXXXST INVENTRONICS-EUC-060SXXXST Datasheet
534Kb / 7P
   60W Constant Current IP67 Driver
Rev. M
EUC-060SXXXSV INVENTRONICS-EUC-060SXXXSV Datasheet
526Kb / 7P
   60W Constant Current IP67 Driver
Rev. M
EBC-060SXXXDV-000X INVENTRONICS-EBC-060SXXXDV-000X Datasheet
998Kb / 10P
   60W Constant Current IP67 Driver
Rev. D
logo
Mean Well Enterprises C...
LCM-60 MEANWELL-LCM-60 Datasheet
311Kb / 12P
   60W Multiple-Stage Constant Current Mode LED Driver
LCM-60IOT MEANWELL-LCM-60IOT Datasheet
1Mb / 9P
   60W Wireless Lighting Constant Current LED Driver Solution
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com