Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDLV-65 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # IDLV-65
Description  65W PWM Output LED Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

IDLV-65 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  IDLV-65 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. IDLV-65 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. IDLV-65 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. IDLV-65 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. IDLV-65 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. IDLV-65 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
65W PWM Output LED Driver
IDLV-65 series
File Name:IDLV-65-SPEC 2017-05-03
IDLV-65 -12
IDLV-65 -24
IDLV-65 -36
IDLV-65 -48
IDLV-65 -60
SPECIFICATION
MODEL
OUTPUT
FREQUENCY RANGE
POWER FACTOR (Typ.)
EFFICIENCY (Typ.)
AC CURRENT (Typ.)
INPUT
INRUSH CURRENT(Typ.)
LEAKAGE CURRENT
SAFETY STANDARDS
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVER CURRENT
47 ~ 63Hz
105 ~ 115%
Protection type : Hiccup mode, recovers automatically after fault condition is removed
20 ~ 90% RH non-condensing
-40 ~ +80
, 10 ~ 95% RH
±℃
0.03%/
(0 ~ 40
)
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
ENVIRONMENT
SAFETY &
EMC
PROTECTION
EMC IMMUNITY
EMC EMISSION
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
TOTAL HARMONIC DISTORTION
I/P-O/P:3.75KVAC
I/P-O/P:100M Ohms / 500VDC / 25
/ 70% RH
398.7K hrs min.
MIL-HDBK-217F (25
)
±10%
0~100%
85%
87%
88%
89%
90%
<0.75mA / 277VAC
130*75*25mm (L*W*H)
0.23Kg;54pcs/13.5Kg/ 0.96CUFT
SHORT CIRCUIT
Shut down O/P voltage, re-power on to recovery
DIMMING RANGE
DC VOLTAGE
RATED POWER
SETUP TIME Note.3
VOLTAGE TOLERANCE
VOLTAGE RANGE Note.2
1KHz(
20%)
±
500ms / 230VAC
12V
24V
36V
48V
60V
4.2A
2.4A
1.8A
1.35A
50.4W
57.6W
64.8W
64.8W
1.08A
64.8W
PWM FREQUENCY (Typ.)
AUXILIARY DC OUTPUT Note.4 Nominal 12V(deviation 11.4~12.6)@50mA for A-Type only
(Please refer to "STATIC CHARACTERISTIC" section)
180 ~ 295VAC
254 ~ 417VDC
COLD START 30A(twidth=
s measured at 50% Ipeak) at 230VAC
270
μ; Per NEMA 410
<0.5W for Blank-Type, <1.2W for A-Type
NO LOAD POWER CONSUMPTION
WORKING TEMP.
MAX. CASE TEMP.
Tcase=-20 ~ +85
(Please refer to “ OUTPUT LOAD vs TEMPERATURE” section)
Tcase=+85
UL8750,CSA C22.2 NO.250.13-12;ENEC EN61347-1 & EN61347-2-13 independent, EN62384,GB19510.1,GB19510.14 approved
Compliance to EN55015, EN61000-3-2 Class C (
) ; EN61000-3-3,GB17743,GB17625.1
@load
60%
Compliance to EN61000-4-2,3,4,5,6,8,11; EN61547, light industry level(
)
surge immunity:Line-Line:1KV
1. All parameters NOT specially mentioned are measured at 230VAC input, rated current and 25 ofambient temperature.
2. De rating may be needed under low input voltages. Please
.
-
refer to “STATIC CHARACTERISTIC” sections for details
3. Length ofset up time is measured at cold first start. Turning ON/OFF the driver may lead to increase ofthe set up time.
4. There is no design of short circuit protection for the Auxiliary DC output; this function can not be used when dimming input terminals(DIM+,DIM-)
are short circuit or when it is no load or short circuit at output(Vo+,Vo-).
5. The driver is considered as a component that will be operated in combination with final equipment. Since EMC performance will be
affected by the complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
MAX. No. of PSUs on 16A
CIRCUIT BREAKER
32 units (circuit breaker of type B) / 32 units (circuit breaker of type C) at 230VAC
PF>0.95/230VAC, PF>0.9/277VAC@full load
(Please refer to "POWER FACTOR (PF) CHARACTERISTIC" section)
THD< 20%(@load 60%/230VAC; @load 75%/277VAC)
≧≧
(Please refer to “TOTAL HARMONIC DISTORTION” section)
0.4A/230VAC
0.3A/277VAC
RATED CURRENT


Similar Part No. - IDLV-65

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IDLV-25 MEANWELL-IDLV-25 Datasheet
262Kb / 6P
   25W PWM Output LED Driver
IDLV-25-12 MEANWELL-IDLV-25-12 Datasheet
262Kb / 6P
   25W PWM Output LED Driver
IDLV-25-24 MEANWELL-IDLV-25-24 Datasheet
262Kb / 6P
   25W PWM Output LED Driver
IDLV-25-36 MEANWELL-IDLV-25-36 Datasheet
262Kb / 6P
   25W PWM Output LED Driver
IDLV-25-48 MEANWELL-IDLV-25-48 Datasheet
262Kb / 6P
   25W PWM Output LED Driver
More results

Similar Description - IDLV-65

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IDPV-65 MEANWELL-IDPV-65 Datasheet
152Kb / 6P
   65W PWM Output LED Driver
ODLV-65 MEANWELL-ODLV-65 Datasheet
195Kb / 6P
   65W PWM Output LED Driver
IDPV-25 MEANWELL-IDPV-25 Datasheet
140Kb / 6P
   25W PWM Output LED Driver
IDLV-45 MEANWELL-IDLV-45 Datasheet
660Kb / 6P
   45W PWM Output LED Driver
IDPV-45 MEANWELL-IDPV-45 Datasheet
158Kb / 6P
   45W PWM Output LED Driver
ODLV-45 MEANWELL-ODLV-45 Datasheet
646Kb / 6P
   45W PWM Output LED Driver
IDLV-25 MEANWELL-IDLV-25 Datasheet
262Kb / 6P
   25W PWM Output LED Driver
PWM-120-KN MEANWELL-PWM-120-KN Datasheet
189Kb / 8P
   120W PWM Output KNX LED Driver
PWM-60-KN MEANWELL-PWM-60-KN Datasheet
193Kb / 8P
   60W PWM Output KNX LED Driver
IDLC-65 MEANWELL-IDLC-65 Datasheet
200Kb / 6P
   65W Constant Current Mode LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com