Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRM20V100LLYX7 Datasheet(PDF) 7 Page - Epson Company

Part # SRM20V100LLYX7
Description  1M-Bit Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SRM20V100LLYX7 Datasheet(HTML) 7 Page - Epson Company

  SRM20V100LLYX7 Datasheet HTML 1Page - Epson Company SRM20V100LLYX7 Datasheet HTML 2Page - Epson Company SRM20V100LLYX7 Datasheet HTML 3Page - Epson Company SRM20V100LLYX7 Datasheet HTML 4Page - Epson Company SRM20V100LLYX7 Datasheet HTML 5Page - Epson Company SRM20V100LLYX7 Datasheet HTML 6Page - Epson Company SRM20V100LLYX7 Datasheet HTML 7Page - Epson Company SRM20V100LLYX7 Datasheet HTML 8Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
SRM20V100LLMX7
s CHARACTERISTICS CURVES
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1
0.9
0.8
0.7
0.6
–40 –20
0
20406080
WRITE
VDD = 3.0V
READ, WRITE
READ
Ta (
°C)
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
20
18
16
14
12
10
8
6
4
2
0
Frequency (MHz)
1/tRC, 1/tWC
1.6
1.5
1.4
1.3
1.2
1.1
1
0.9
0.8
0.7
0.6
2.4
2.7
3
3.3
3.6
3.9
VDD (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
0.5
1
1.5
2
2.5
3
3.5
VOH (V)
Normalized IDDA—Ta
Normalized IDDA—VDD
Normalized IDDA—Frequency
Normalized IDDS1—VDD
Normalized IOH—VOH
100
10
1
0.1
0.01
80
60
40
20
0
–20
–40
Ta (
°C)
100
1
0.1
3.9
3.6
3.3
3
2.7
2.4
VDD (V)
Normalized IDDS1—Ta
VDD = 3.0V
Ta = 25
°C
VDD = 3.0V
WRITE
READ
Ta = 25
°C
Ta = 25
°C
READ, WRITE
WRITE
READ
Ta = 25
°C
VDD = 3.0V


Similar Part No. - SRM20V100LLYX7

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SRM20V60CT YFWDIODE-SRM20V60CT Datasheet
1,006Kb / 4P
   Trench MOS Barrier Schottky Rectifier
SRM20V60CT YFWDIODE-SRM20V60CT Datasheet
1Mb / 4P
   Low VF Schottky Rectifier
SRM20V60CT YFWDIODE-SRM20V60CT_V01 Datasheet
1Mb / 4P
   Low VF Schottky Rectifier
SRM20V60DC YFWDIODE-SRM20V60DC Datasheet
1,006Kb / 4P
   Trench MOS Barrier Schottky Rectifier
SRM20V60DC YFWDIODE-SRM20V60DC Datasheet
1Mb / 4P
   Low VF Schottky Rectifier
More results

Similar Description - SRM20V100LLYX7

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM321024 MOTOROLA-MCM321024 Datasheet
80Kb / 8P
   1M x 32 Bit Fast Static RAM Module
MCM8A10 MOTOROLA-MCM8A10 Datasheet
79Kb / 8P
   1M x 8 Bit Fast Static RAM Module
logo
Cypress Semiconductor
CY7C1061AV25 CYPRESS-CY7C1061AV25 Datasheet
269Kb / 11P
   1M x 16 Static RAM
CY7C1046BV33 CYPRESS-CY7C1046BV33 Datasheet
136Kb / 8P
   1M x 4 Static RAM
CY7C107 CYPRESS-CY7C107 Datasheet
144Kb / 8P
   1M x 1 Static RAM
CY7C1046B CYPRESS-CY7C1046B Datasheet
142Kb / 8P
   1M x 4 Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33 Datasheet
270Kb / 11P
   1M x 16 Static RAM
CY7C107B CYPRESS-CY7C107B Datasheet
144Kb / 9P
   1M x 1 Static RAM
CY7C1046CV33 CYPRESS-CY7C1046CV33 Datasheet
161Kb / 9P
   1M x 4 Static RAM
CY7C107BN CYPRESS-CY7C107BN Datasheet
310Kb / 7P
   1M x 1 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com