Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRM20V100 Datasheet(PDF) 6 Page - Epson Company

Part # SRM20V100
Description  1M-Bit Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SRM20V100 Datasheet(HTML) 6 Page - Epson Company

  SRM20V100 Datasheet HTML 1Page - Epson Company SRM20V100 Datasheet HTML 2Page - Epson Company SRM20V100 Datasheet HTML 3Page - Epson Company SRM20V100 Datasheet HTML 4Page - Epson Company SRM20V100 Datasheet HTML 5Page - Epson Company SRM20V100 Datasheet HTML 6Page - Epson Company SRM20V100 Datasheet HTML 7Page - Epson Company SRM20V100 Datasheet HTML 8Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
s PACKAGE DIMENSIONS
Unit : mm
(inch)
Plastic SOP6-32pin
17
32
16
1
1.27
(0.05)
20.45±0.1
(0.805
)
0.4±0.1
(0.016
)
+0.003
–0.004
+0.004
–0.003
1.42
(0.056)
0
°
8
°
0.15±0.05
(0.006
)
+0.001
–0.002
20.85max
(0.82max)
0.8±0.2
(0.031
)
+0.008
–0.007
Plastic TSOP ( I ) -32pin
Unit : mm
(inch)
32
1
17
16
INDEX
18.4±0.2
(0.724
)
+0.008
–0.007
0
°
10
°
20±0.2
(0.787
)
+0.008
–0.007
0.5±0.1
(0.02
)
+0.003
–0.004
0.15
(0.006
)
+0.002
–0.003
0.5
(0.02)
0.2±0.1
(0.008
)
+0.003
–0.004
+0.07
–0.075
0.8±0.2
(0.031
)
+0.008
–0.007
Unit : mm
(inch)
Plastic Slim-TSOP ( I ) -32pin
Plastic TSOP ( I ) -32pin-R1
Unit : mm
(inch)
Unit : mm
(inch)
Plastic Slim-TSOP ( I ) -32pin-R1
17
16
32
1
18.4±0.2
(0.724
)
+0.008
–0.007
0
°
10
°
20±0.2
(0.787
)
+0.008
–0.007
0.5±0.1
(0.02
)
+0.003
–0.004
0.15
(0.006
)
+0.002
–0.003
0.5
(0.02)
0.2±0.1
(0.008
)
+0.003
–0.004
+0.07
–0.075
0.8±0.2
(0.031
)
+0.008
–0.007
INDEX
32
1
17
16
INDEX
11.8±0.1
(0.465±0.003)
0
°
10
°
13.4±0.3
(0.528±0.011)
0.5±0.1
(0.02
)
+0.003
–0.004
0.15
(0.006
)
+0.002
–0.003
0.5
(0.02)
0.2±0.1
(0.008
)
+0.003
–0.004
+0.07
–0.075
0.8±0.2
(0.031
)
+0.008
–0.007
17
16
32
1
11.8±0.1
(0.465±0.003)
0
°
10
°
13.4±0.3
(0.528±0.011)
0.5±0.1
(0.02
)
+0.003
–0.004
0.15
(0.006
)
+0.002
–0.003
0.5
(0.02)
0.2±0.1
(0.008
)
+0.003
–0.004
+0.07
–0.075
0.8±0.2
(0.031
)
+0.008
–0.007
INDEX


Similar Part No. - SRM20V100

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SRM20V60CT YFWDIODE-SRM20V60CT Datasheet
1,006Kb / 4P
   Trench MOS Barrier Schottky Rectifier
SRM20V60CT YFWDIODE-SRM20V60CT Datasheet
1Mb / 4P
   Low VF Schottky Rectifier
SRM20V60CT YFWDIODE-SRM20V60CT_V01 Datasheet
1Mb / 4P
   Low VF Schottky Rectifier
SRM20V60DC YFWDIODE-SRM20V60DC Datasheet
1,006Kb / 4P
   Trench MOS Barrier Schottky Rectifier
SRM20V60DC YFWDIODE-SRM20V60DC Datasheet
1Mb / 4P
   Low VF Schottky Rectifier
More results

Similar Description - SRM20V100

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM321024 MOTOROLA-MCM321024 Datasheet
80Kb / 8P
   1M x 32 Bit Fast Static RAM Module
MCM8A10 MOTOROLA-MCM8A10 Datasheet
79Kb / 8P
   1M x 8 Bit Fast Static RAM Module
logo
Cypress Semiconductor
CY7C1061AV25 CYPRESS-CY7C1061AV25 Datasheet
269Kb / 11P
   1M x 16 Static RAM
CY7C1046BV33 CYPRESS-CY7C1046BV33 Datasheet
136Kb / 8P
   1M x 4 Static RAM
CY7C107 CYPRESS-CY7C107 Datasheet
144Kb / 8P
   1M x 1 Static RAM
CY7C1046B CYPRESS-CY7C1046B Datasheet
142Kb / 8P
   1M x 4 Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33 Datasheet
270Kb / 11P
   1M x 16 Static RAM
CY7C107B CYPRESS-CY7C107B Datasheet
144Kb / 9P
   1M x 1 Static RAM
CY7C1046CV33 CYPRESS-CY7C1046CV33 Datasheet
161Kb / 9P
   1M x 4 Static RAM
CY7C107BN CYPRESS-CY7C107BN Datasheet
310Kb / 7P
   1M x 1 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com