Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1832 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SA1832
Description  SOT-523 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SA1832 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SA1832 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SA1832 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SA1832 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SA1832 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-0.1
-1
-10
-100
-10
-100
-1000
-0.1
-1
-10
-100
-100
-1000
0
25
50
75
100
125
150
0
50
100
150
-0.1
-1
-10
-100
-10
-100
-0.1
-1
-10
-100
-10
-100
-1000
-0.1
-1
-10
-1
-10
-100
-0
-300
-600
-900
-0.1
-1
-10
-100
-0
-2
-4
-6
-8
-10
-12
-0
-1
-2
-3
-4
I
C
f
T
——
COMMON EMITTER
V
CE=-10V
T
a=25
COLLECTOR CURRENT I
C
(mA)
-150
β=10
I
C
V
BEsat
——
COLLECTOR CURREMT I
C
(mA)
T
a=100
T
a=25
-2000
P
C
——
T
a
AMBIENT TEMPERATURE T
a
( )
-150
T
a=100
T
a=25
β=10
I
C
V
CEsat
——
COLLECTOR CURREMT I
C
(mA)
-300
-150
I
C
h
FE
——
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE= -6V
-20
f=1MHz
I
E=0/IC=0
T
a=25
V
CB
/V
EB
C
ob
/C
ib
——
C
ob
C
ib
REVERSE VOLTAGE V (V)
-150
BASE-EMMITER VOLTAGE V
BE (mV)
I
C
——
V
BE
COMMON EMITTER
V
CE=-6V
Static Characteristic
COMMON
EMITTER
T
a=25
-10uA
-8uA
-7uA
-6uA
-5uA
-4uA
-3uA
-9uA
-2uA
I
B=-1uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
www.cj-elec.com
2
C,Apr,2015
Typical Characteristics


Similar Part No. - 2SA1832

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1832 TOSHIBA-2SA1832 Datasheet
150Kb / 2P
   TRANSISTOR (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
logo
Galaxy Semi-Conductor H...
2SA1832 BILIN-2SA1832 Datasheet
179Kb / 4P
   Plastic-Encapsulate Transistors
logo
TRANSYS Electronics Lim...
2SA1832 TEL-2SA1832 Datasheet
98Kb / 2P
   Plastic-Encapsulated Transistors
logo
Galaxy Semi-Conductor H...
2SA1832 BILIN-2SA1832 Datasheet
178Kb / 4P
   Plastic-Encapsulate Transistors
logo
Toshiba Semiconductor
2SA1832 TOSHIBA-2SA1832 Datasheet
384Kb / 3P
   Audio Frequency General Purpose Amplifier Applications
More results

Similar Description - 2SA1832

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
MMBT2222AT JIANGSU-MMBT2222AT Datasheet
4Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
MMBT3906T JIANGSU-MMBT3906T Datasheet
5Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
logo
SHIKUES Electronics
S9014T SKTECHNOLGY-S9014T Datasheet
967Kb / 3P
   SOT-523 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC4617 JIANGSU-2SC4617 Datasheet
2Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
2SC4618 JIANGSU-2SC4618 Datasheet
2Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
2SC4738 JIANGSU-2SC4738 Datasheet
2Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
2SC5585 JIANGSU-2SC5585 Datasheet
2Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
BC847T JIANGSU-BC847T Datasheet
2Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
BC857T JIANGSU-BC857T Datasheet
1Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
MMBT3904T JIANGSU-MMBT3904T Datasheet
2Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com