Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3A3160 Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI3A3160
Description  3.0V, SOTiny??0.4??Dual SPDT Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A3160 Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

  PI3A3160 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A3160 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A3160 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A3160 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A3160 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A3160 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A3160 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A3160 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
PS8711D
07/21/04
PI3A3160
3.0V, SOTiny0.4Ω
Dual SPDT Analog Switch
Packaging Mechanical: 12-Contact TDFN (ZG)
Notes:
1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
2. X = Tape/Reel
3. Number of transistors = TBD
Ordering Information
Ordering Code
Package Code
Package Description
Top Mark
PI3A3160ZEEX
ZE
Pb-free & Green, 12-contact TDFN
YI
PI3A3160ZGEX
ZG
Pb-free & Green, 12-contact TDFN
YI
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com


Similar Part No. - PI3A3160

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3A3160C PERICOM-PI3A3160C Datasheet
460Kb / 7P
   3.0V, SOTiny??0.8廓 Dual SPDT Analog Switch with -1.0V to 4.2V Operating Range
More results

Similar Description - PI3A3160

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3A3159 PERICOM-PI3A3159 Datasheet
506Kb / 8P
   3.0V, SOTiny 0.4??SPDT Analog Switch
PI3A4624 PERICOM-PI3A4624 Datasheet
512Kb / 8P
   3.0V, SOTiny 0.4 Single-Supply SPDT Analog Switch
logo
Protek Devices
PA3535 PROTEC-PA3535 Datasheet
168Kb / 9P
   0.4廓 Dual SPDT Analog Switch
logo
Pericom Semiconductor C...
PI3A3160C PERICOM-PI3A3160C Datasheet
460Kb / 7P
   3.0V, SOTiny??0.8廓 Dual SPDT Analog Switch with -1.0V to 4.2V Operating Range
logo
Vishay Siliconix
DG2531 VISHAY-DG2531_08 Datasheet
108Kb / 8P
   0.4-Ω Low-Voltage Dual SPDT Analog Switch
Rev. C, 14-May-07
DG2731 VISHAY-DG2731 Datasheet
153Kb / 9P
   Low Voltage, 0.4 Ω, Dual SPDT Analog Switch
Rev. A, 12-Sep-05
DG2531 VISHAY-DG2531 Datasheet
119Kb / 8P
   0.4-ohm Low-Voltage Dual SPDT Analog Switch
Rev. B, 16-Jan-06
logo
ON Semiconductor
NLAS5157 ONSEMI-NLAS5157 Datasheet
140Kb / 8P
   Ultra-Low 0.4  SPDT Analog Switch
February, 2009 ??Rev. 1
logo
Pericom Semiconductor C...
PI3A4626 PERICOM-PI3A4626 Datasheet
464Kb / 8P
   3.0V, SOTiny Single-Supply 0.4ohm SPST (NO) CMOS Analog Switch
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157 Datasheet
363Kb / 11P
   0.4-ohm Low Voltage SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com