Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP4916NADP Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # SP4916NADP
Description  2쨌5GHz /4512 PRESCALER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP4916NADP Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  SP4916NADP Datasheet HTML 1Page - Zarlink Semiconductor Inc SP4916NADP Datasheet HTML 2Page - Zarlink Semiconductor Inc SP4916NADP Datasheet HTML 3Page - Zarlink Semiconductor Inc SP4916NADP Datasheet HTML 4Page - Zarlink Semiconductor Inc SP4916NADP Datasheet HTML 5Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2
SP4916
1
2
3
4
8
7
6
5
1n
1
5V
1n
180
°
HYBRID
COUPLER
180
0·1
µ
OUTPUT
180
10n
10n
15p
15p
50
A
50
SIGNAL
GENERATOR
B
C
D
50
SAMPLING
SCOPE
OUTPUT
ELECTRICAL CHARACTERISTICS
These characteristics are guaranteed over the following conditions (unless otherwise stated):
T
AMB = 210°C to 185°C, VCC = 14·75V to 15·25V (Test circuit see Fig. 4)
Characteristic
Supply current, ICC
Input sensitivity
500MHz to 1800MHz
2500MHz
Input impedance (series equivalent)
Output voltage with fIN = 2500MHz
Conditions
Value
Typ.
Max.
Min.
Units
65
50
100
mA
mV
mV
pF
V p-p
V p-p
4
2,3
2,3
6,7
1·2
0·8
50
50
2
1·5
1·3
Pin
VCC = 15V
RMS sinewave, measured in 50
Ω system,
see Figs 3 and 4.
See Fig. 5
VCC = 15V, no load
VCC = 15V, load as Fig. 4
Fig. 4 Test circuit
Fig. 3 Typical input sensitivity
400
150
100
50
1000
2000
3000
FREQUENCY (MHz)
OPERATING
WINDOW
SP4916


Similar Part No. - SP4916NADP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP491 SIPEX-SP491 Datasheet
83Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP491 EXAR-SP491 Datasheet
552Kb / 12P
   Full Duplex RS-485 Transceivers
SP491 EXAR-SP491 Datasheet
453Kb / 11P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP491CN SIPEX-SP491CN Datasheet
94Kb / 10P
   Full Duplex RS-485 Transceivers
SP491CN SIPEX-SP491CN Datasheet
83Kb / 12P
   Full Duplex RS-485 Transceivers
More results

Similar Description - SP4916NADP

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP4982 ZARLINK-SP4982 Datasheet
296Kb / 7P
   2쨌5GHz 48192 PRESCALER
logo
Toshiba Semiconductor
TD6116P TOSHIBA-TD6116P Datasheet
146Kb / 5P
   1.2GHz PRESCALER
logo
ON Semiconductor
MC12080 ONSEMI-MC12080_13 Datasheet
107Kb / 4P
   1.1 GHz Prescaler
May, 2013 ??Rev. 7
logo
Freescale Semiconductor...
MC12019 FREESCALE-MC12019 Datasheet
237Kb / 3P
   Dual Modulus Prescaler
logo
Motorola, Inc
MC12015 MOTOROLA-MC12015 Datasheet
240Kb / 3P
   Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12015 LANSDALE-ML12015 Datasheet
310Kb / 4P
   Dual Modulus Prescaler
logo
List of Unclassifed Man...
CA3232 ETC1-CA3232 Datasheet
130Kb / 2P
   DIVIDE 20 PRESCALER
logo
Motorola, Inc
MC12009 MOTOROLA-MC12009 Datasheet
214Kb / 15P
   Dual Modulus Prescaler
logo
ON Semiconductor
MC12080 ONSEMI-MC12080_06 Datasheet
123Kb / 4P
   1.1 GHz Prescaler
January, 2006 ??Rev. 6
logo
LANSDALE Semiconductor ...
ML12019 LANSDALE-ML12019 Datasheet
958Kb / 4P
   Dual Modulus Prescaler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com